Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T81SM6E Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T81SM6E
Description  Serial Access Real-Time Clock with Alarms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SM6E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T81SM6E Datasheet HTML 19Page - STMicroelectronics M41T81SM6E Datasheet HTML 20Page - STMicroelectronics M41T81SM6E Datasheet HTML 21Page - STMicroelectronics M41T81SM6E Datasheet HTML 22Page - STMicroelectronics M41T81SM6E Datasheet HTML 23Page - STMicroelectronics M41T81SM6E Datasheet HTML 24Page - STMicroelectronics M41T81SM6E Datasheet HTML 25Page - STMicroelectronics M41T81SM6E Datasheet HTML 26Page - STMicroelectronics M41T81SM6E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23/29
M41T81S
Figure 18. Bus Timing Requirements Sequence
Table 13. AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5V (except where noted).
2. Transmitter must internally provide a hold time to bridge the undefined region (300ns max) of the falling edge of SCL.
Sym
Parameter(1)
Min
Typ
Max
Units
fSCL
SCL Clock Frequency
0
400
kHz
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
600
ns
tR
SDA and SCL Rise Time
300
ns
tF
SDA and SCL Fall Time
300
ns
tHD:STA
START Condition Hold Time
(after this period the first clock pulse is generated)
600
ns
tSU:STA
START Condition Setup Time
(only relevant for a repeated start condition)
600
ns
tSU:DAT
(2)
Data Setup Time
100
ns
tHD:DAT
Data Hold Time
0
µs
tSU:STO
STOP Condition Setup Time
600
ns
tBUF
Time the bus must be free before a new
transmission can start
1.3
µs
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com