Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2640 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2640
Description  Two-phase Unipolar DC Brushless Motor Pre-Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2640 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2640 Datasheet HTML 1Page - New Japan Radio NJM2640 Datasheet HTML 2Page - New Japan Radio NJM2640 Datasheet HTML 3Page - New Japan Radio NJM2640 Datasheet HTML 4Page - New Japan Radio NJM2640 Datasheet HTML 5Page - New Japan Radio NJM2640 Datasheet HTML 6Page - New Japan Radio NJM2640 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJM2640
- 4 -
♦NJM2640 application note
The NJM2640 is a two-phase motor unipolar pre-driver IC featuring 60V operating high voltage process
technology.
It is suitable for fan motor drivers for communication equipment where 48V operation is required.
[Application Circuit Example]
[Design Notes]
Above application example is designed for 48V operation with motor current of 300mA. It uses the following
components:
Hall Elements: HW101A (AKD)
TR1,TR2: 2SD0968A (NEC)
1. Selection of C1 and D1:
C1 is used for a noise reduction purpose. A typical value is 0.1uF.
Optimize the value in actual operating conditions if necessary. D1 is a diode for protection against
reverse voltage supply.
Silicon rectifier diode (WO3C, 10D1 and equivalent) is appropriate.
2. Lock Protection Function (Design of C2 value):
Lock Protection Function, consists of Motor Lock Detection and Auto Resume Function, is a safety
feature to protect a motor and a driver circuit from fatal destruction in case of motor halt.
Motor Lock Detection detects motor halt due to irregular load conditions and then cuts motor driving
current f or safety operation. When Lock Detection is activated; Lock Alert Out (LA: Pin 3) goes to L.
A value of C2 determines Lock detection time (Ton) and Auto Resume Time (Toff).
H1
H2
VCC
Ct
GND
OUT2
OUT1
LA
Motor
Hall
element
C2
R1
R3
R2
Ra
Lock alarm out
NJM2640
V+
GND
R4
R5
R4
R5
ZD1
ZD1
C1
D1
TR1
TR2
ZD2
ZD2
Ca
D2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com