Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJM4006NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM4006NSA
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM4006NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM4006NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Output characteristics
On-Resistance vs. Drain current
On-Resistance vs. Junction temperature
Transfer characteristics
On-Resistance vs. Gate-to-Source voltage
Threshold voltage vs. Temperature
0.5
1.0
1.5
2.0
2.5 3.0
3.5
4.0
4.5
5.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
V
GS
=4.5V
I
DS
-Drain-to-Source Current(A)
246
8
10
0.0
0.1
0.2
0.3
0.4
0.5
V
GS
-Gate-to-Source Voltage(V)
I
D
=2A
V
GS
=10V
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Temperature (
oC)
I
DS
=250uA
-50
-25
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
V
GS
=10V,I
D
=2A
Temperature(
oC)
PJM4006NSA
N-Channel MOSFET
3 / 7
www.pingjingsemi.com
Revision:1.
1 Jan-2019
Typical Characteristic curves



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com