Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8771FT Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8771FT
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771FT Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8771FT Datasheet HTML 15Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 16Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8771FT Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Product Preview
WM8771
w
PP Rev 2.0 December 2001
19
RIGHT JUSTIFIED MODE
In right justified mode, the LSB of DIN1/2/3/4 is sampled by the WM8771 on the rising edge of BCLK
preceding a DACLRC transition. The LSB of the ADC data is output on DOUT and changes on the
falling edge of BCLK preceding an ADCLRC transition and may be sampled on the rising edge of
BCLK. ADCLRC and DACLRC are high during the left samples and low during the right samples
(Figure 12).
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DIN1/2/3/4/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 12 Right Justified Mode TIming Diagram
I2S MODE
In I2S mode, the MSB of DIN1/2/3/4 is sampled by the WM8771 on the second rising edge of BCLK
following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on the
first falling edge of BCLK following an ADCLRC transition and may be sampled on the rising edge of
BCLK. ADCLRC and DACLRC are low during the left samples and high during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DIN1/2/3/4/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 13 I2S Mode TIming Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com