Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8418 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8418
Description  64k, 256k Dynamic RAM Controller/Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8418 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP8418 Datasheet HTML 3Page - National Semiconductor (TI) DP8418 Datasheet HTML 4Page - National Semiconductor (TI) DP8418 Datasheet HTML 5Page - National Semiconductor (TI) DP8418 Datasheet HTML 6Page - National Semiconductor (TI) DP8418 Datasheet HTML 7Page - National Semiconductor (TI) DP8418 Datasheet HTML 8Page - National Semiconductor (TI) DP8418 Datasheet HTML 9Page - National Semiconductor (TI) DP8418 Datasheet HTML 10Page - National Semiconductor (TI) DP8418 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Pin Definitions (Continued)
indicating that no hidden refresh was performed while RFCK
was high When this pin is set low by an external gate the
on-chip refresh counter is reset to all zeroes
WIN Write Enable Input
WE Write Enable Output -
WE follows WIN unconditional-
ly
RAHS Row Address Hold Time Select -
Selects the tRAH
to be generated by the DP8419 delay line to allow use with
fast or slow DRAMs
CAS Column Address Strobe Output -
In mode 5 and in
mode 4 with CASIN low before RC goes low CAS goes
low automatically after the column address is valid on the
address outputs In mode 4 CAS follows CASIN directly af-
ter RC goes low allowing for nibble accessing CAS is al-
ways high during refresh
RAS 0 – 3 Row Address Strobe Outputs -
The enabled
RAS output (see Table II) follows RASIN directly during an
access During refresh all RAS outputs are enabled
B0 B1 Bank Select Inputs -
These pins are decoded to
enable one of the four RAS outputs during an access (see
Table I and Table II)
TABLE I DP8417 DP8419 DP8419X
Memory Bank Decode
Bank Select
(Strobed by ADS)
Enabled RASn
B1
B0
0
0
RAS0
0
1
RAS1
1
0
RAS2
1
1
RAS3
TABLE II DP8418 Memory Bank Decode
Bank Select
(Strobed by ADS)
Enabled RASn
B1
NC
0
X
RAS0 and RAS1
1
X
RAS2 and RAS3
Conditions for All Modes
INPUT ADDRESSING
The address block consists of a row-address latch a col-
umn-address latch and a resettable refresh counter The
address latches are fall-through when ADS is high and latch
when ADS goes low If the address bus contains valid ad-
dresses until after CAS goes low at the end of the memory
cycle ADS can be permanently high Otherwise ADS must
go low while the addresses are still valid
DRIVE CAPABILITY
The DP8419 has timing parameters that are specified driv-
ing the typical capacitance (including traces) of 88 5V-only
DRAMs Since there are 4 RAS outputs each is specified
driving one-fourth of the total memory CAS WE and the
address outputs are specified driving all 88 DRAMs
The graph in
Figure 10 may be used to determine the slight
variations in timing parameters due to loading conditions
other than 88 DRAMs
Because of distributed trace capacitance and inductance
and DRAM input capacitance current spikes can be creat-
ed causing overshoots and undershoots at the DRAM in-
puts that can change the contents of the DRAMs or even
destroy them To reduce these spikes a damping resistor
(low inductance carbon) should be inserted between the
DP8419 outputs and the DRAMs as close as possible to
the DP8419 The damping resistor values may differ de-
pending on how heavily an output is loaded These resistors
should be determined by the first prototypes (not wire-
wrapped due to the larger distributed capacitance and in-
ductance) Resistors should be chosen such that the tran-
sition on the control outputs is critically damped Typical
values will be from 15X to 100X with the lower values be-
ing used with the larger memory arrays Note that AC pa-
rameters are specified with 15X damping resistors For
more information see AN-305 ‘‘Precautions to Take When
Driving Memories’’
DP8419 DRIVING ANY 16k 64k or 256k DRAMs
The DP8419 can drive any 16k 64k or 256k DRAMs All 16k
DRAMs use basically the same configuration including the
5V-only version Hence in most applications different man-
ufacturers’ DRAMs are interchangeable (for the same sup-
ply-rail chips) and the DP8419 can drive them all (see
Fig-
ure 1a )
There are three basic configurations for the 5V-only 64k
DRAMs a 128-row by 512-column array with an on-RAM
refresh counter a 128-row by 512-column array with no on-
RAM refresh counter and a 256-row by 256-column array
with no on-RAM refresh counter The DP8419 can drive all
three configurations and allows them all to be interchange-
able (as shown in
Figures 1b and 1c ) providing maximum
flexibility in the choice of DRAMs Since the 9-bit on-chip
refresh counter can be used as a 7-bit refresh counter for
the 128-row configuration or as an 8-bit refresh counter for
the 256-row configuration the on-RAM refresh counter if
present is never used
256k DRAMs require all 18 of the DP8419’s address inputs
to select one memory location within the DRAM RAS-only
refreshing with the nine-bit refresh-counter on the DP8419
makes CAS before RAS refreshing available on 256k
DRAMs unnecessary
READ WRITE AND READ-MODIFY-WRITE CYCLES
The output signal WE determines what type of memory
access cycle the memory will perform If WE is kept high
while CAS goes low a read cycle occurs If WE goes low
before CAS goes low a write cycle occurs and data at DI
(DRAM input data) is written into the DRAM as CAS goes
low If WE goes low later than tCWD after CAS goes low first
a read occurs and DO (DRAM output data) becomes valid
then data DI is written into the same address in the DRAM
as WE goes low In this read-modify-write case DI and DO
cannot be linked together WE always follows WIN directly
to determine the type of access to be performed
POWER-UP INITIALIZE
When VCC is first applied to the DP8419 an initialize pulse
clears the refresh counter and the internal control flip-flops
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com