Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6LU Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6LU
Description  4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6LU Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6LU Datasheet HTML 1Page - PEAK electronics GmbH P6LU Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M1 SERIES
P6LU-XXXXZH40 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
1.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Dual
1
+ V Input
2
- V Input
4
Omitted
5
- V Output
6
Common
7
+ V Output
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com