Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC5 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # EMC5
Description  Power management
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

EMC5 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  EMC5 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd EMC5 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd EMC5 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMC5 / UMC5N / FMC5A
Transistors
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
DTr1 (NPN) DTr2 (PNP)
Unit
VCC
50
V
40
V
VIN
IC (Max.)
−10
IO
100
30
−50
−20
7
−100
−100
mA
Tj
150
Tstg
−55∼+150
Pd
EMC5, UMC5N
150 (TOTAL)
mW
∗1
FMC5A
300 (TOTAL)
∗2
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
Supply voltage
Input voltage
Output current
Junction temperature
Storage temperature
Power
dissipation
˚C
˚C
Electrical characteristics (Ta = 25
°C)
DTr1
Parameter
Symbol
II
R1
GI
R2/R1
Min.
−
3
−
−
−
32.9
68
0.8
−
−
0.1
−
−
47
−
1
0.5
−
0.3
0.18
0.5
61.1
−
1.2
V
VCC=5V, IO=100
µA
VO
=0.3V, IO=2mA
IO
=10mA, II=0.5mA
VI
=5V
VCC
=50V, VI=0V
−
VO
=5V, IO=5mA
V
mA
µA
k
Ω
−
−−
Typ.
Max.
Unit
Conditions
VI (off)
VI (on)
VO (on)
IO (off)
fT
−
250
−
VCE
=10mA, IE=
−5mA, f=100MHz
∗
MHz
∗ Transition frequency of the device
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Transition frequency
Resistance ratio
DTr2
Parameter
Symbol
II
R1
GI
R2/R1
Min.
−
−2.5
−
−
−
3.29
30
1.7
−
−
−0.1
−
−
1.7
−
2.1
−0.3
−
−0.3
−1.8
−0.5
6.11
−
2.6
V
VCC=
−5V, IO=−100µA
VO
=
−0.3V, IO=−20mA
IO
=
−10mA, II=−0.5mA
VI
=
−5V
VCC
=
−50V, VI=0V
−
VO
=
−5V, IO=−10mA
V
mA
µA
k
Ω
−
−−
Typ.
Max.
Unit
Conditions
VI (off)
VI (on)
VO (on)
IO (off)
fT
−
250
−
VCE
=
−10mA, IE=5mA, f=100MHz
∗
MHz
∗ Transition frequency of the device
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Transition frequency
Resistance ratio



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com