Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C61X2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89C61X2
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C61X2 Datasheet(HTML) 2 Page - NXP Semiconductors

  P89C61X2 Datasheet HTML 1Page - NXP Semiconductors P89C61X2 Datasheet HTML 2Page - NXP Semiconductors P89C61X2 Datasheet HTML 3Page - NXP Semiconductors P89C61X2 Datasheet HTML 4Page - NXP Semiconductors P89C61X2 Datasheet HTML 5Page - NXP Semiconductors P89C61X2 Datasheet HTML 6Page - NXP Semiconductors P89C61X2 Datasheet HTML 7Page - NXP Semiconductors P89C61X2 Datasheet HTML 8Page - NXP Semiconductors P89C61X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2
2003 Sep 11
853-2400 30250
DESCRIPTION
The Philips microcontrollers described in this data sheet are
high-performance static 80C51 designs. They are manufactured in
an advanced CMOS process and contain a non-volatile Flash
program memory that is programmable in parallel (via a parallel
programmer) or In-System Programmable (ISP) via boot loader.
They support both 12-clock and 6-clock operation.
The P89C60X2 and P89C61X2 contain 512 bytes RAM and
1024 bytes RAM respectively, 32 I/O lines, three 16-bit
counter/timers, a six-source, four-priority level nested interrupt
structure, a serial I/O port for either multi-processor
communications, I/O expansion or full duplex UART, and on-chip
oscillator and clock circuits.
In addition, the devices are static designs which offer a wide range
of operating frequencies down to zero. Two software selectable
modes of power reduction — idle mode and power-down mode —
are available. The idle mode freezes the CPU while allowing the
RAM, timers, serial port, and interrupt system to continue
functioning. The power-down mode saves the RAM contents but
freezes the oscillator, causing all other chip functions to be
inoperative. Since the design is static, the clock can be stopped
without loss of user data. Then the execution can be resumed from
the point the clock was stopped.
SELECTION TABLE
For applications requiring more RAM, as well as more on-chip
peripherals, see the P89C66x and P89C51Rx2 data sheets.
Type
Memory
Timers
Serial Interfaces
Max.
Freq.
at 6-clk
/ 12-clk
(MHz)
Freq.
Range
at
3V
(MHz)
Freq.
Range
at
5V
(MHz)
P89C60X2
512B
–
–
64K
3
–
–
n
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
20/33
–
0–20/33
P89C61X2
1024B
–
–
64K
3
–
–
n
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
20/33
–
0–20/33
NOTE:
1. I2C = Inter-Integrated Circuit Bus; CAN = Controller Area Network; SPI = Serial Peripheral Interface; PCA = Programmable Counter Array;
ADC = Analog-to-Digital Converter; PWM = Pulse Width Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com