Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ2160 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # MAZ2160
Description  Silicon planar type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAZ2160 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  MAZ2160 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAZ2160 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAZ2160 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAZ2160 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAZ2160 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAZ2160 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAZ2000 Series
3
SKE00002BED
MAZ2220
20.8
22.0
23.3
MAZ22200A
10
20.8
22.15
15
5
10
20
10
18.6
95
Red
Red
MAZ22200B
21.85
23.2
MAZ2240
22.8
24.0
25.6
MAZ22400A
10
22.8
24.35
16
5
10
20
10
20.7
90
Red
Yellow
MAZ22400B
24.15
25.6
MAZ2270
25.1
27.0
28.9
MAZ22700A
10
25.1
27.0
18
2
10
25
10
23.8
85
Red
Purple
MAZ22700B
26.9
28.9
MAZ2300
28.0
30.0
32.0
MAZ23000A
10
28.0
30.1
20
2
10
25
10
26.9
80
Orange Black
MAZ23000B
29.9
32.0
MAZ2330
31.0
33.0
35.0
MAZ23300A
10
31.0
33.14
22
2
10
30
10
30.0
75
Orange Orange
MAZ23300B
32.86
35.0
MAZ2360
34.0
36.0
38.0
MAZ23600A
10
34.0
36.16
24
2
10
30
10
33.4
70
Orange Blue
MAZ23600B
35.84
38.0
MAZ2390
10
37.0
39.0
41.0
26
5
10
50
10
36.3
65
Orange White
MAZ2430
10
40.0
43.0
46.0
29
5
10
50
10
41.1
60
Yellow Orange
MAZ2470
10
44.0
47.0
50.0
31
5
10
50
10
44.9
55
Yellow Purple
MAZ2510
10
48.0
51.0
54.0
33
5
10
50
10
48.6
50
Green Brown
MAZ2560
10
52.0
56.0
60.0
35
5
10
50
10
54.9
45
Green
Blue
s Electrical characteristics within part numbers (continued) T
a = 25°C
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
0
0
240
120
160
80
200
40
1.6
1.2
0.8
0.4
Ambient temperature T
a (°C)
l
= 20 mm
10 mm
2 mm
ll
25 mm φ 4 mm
0
0
240
120
160
80
200
40
1.6
1.2
0.8
0.4
Ambient temperature T
a (°C)
l
= 27 mm
20 mm
l
l
1
0.1
0.3
10
102
103
104
1
3
10
30
100
Pulse width t
W (ms)
Tj = 25°C
tW
Non repetitive
PZSM
Ptot  Ta
Ptot  Ta
PZSM  tW
Part number
Zener voltage
VZ (V)
IR (µA)
RZ (Ω)SZ (mV/°C)
IZ
VR
IZ
IZ
(mA)
Min
Nom
Max
(V)
Max
(mA)
Max
(mA)
Typ
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ
Temperature
coefficient of
zener voltage
Terminal
capacitance
Marking symbol
(Color indication)
Zener
operating
resistance
Reverse
current
1st.
2nd.
3rd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com