Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ2180 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # MAZ2180
Description  Silicon planar type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAZ2180 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MAZ2180 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAZ2180 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAZ2180 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAZ2180 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAZ2180 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAZ2180 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MAZ2000 Series
SKE00002BED
2
MAZ2051
4.8
5.1
5.4
MAZ20510A
40
4.8
5.15
1
20
40
10
40
0
200
Green Brown Brown
MAZ20510B
5.05
5.4
MAZ2056
5.2
5.6
6.0
MAZ20560A
40
5.3
5.7
2
20
40
8
40
1.5
180
Green
Blue
Blue
MAZ20560B
5.6
6.0
MAZ2062
5.8
6.2
6.6
MAZ20620A
40
5.8
6.2
3
20
40
6
40
2.4
330
Blue
Red
Red
MAZ20620B
6.1
6.5
MAZ2068
6.4
6.8
7.2
MAZ20680A
40
6.4
6.8
3
10
40
6
40
3.1
280
Blue
Gray
Gray
MAZ20680B
6.7
7.1
MAZ2075
7.0
7.5
7.9
MAZ20750A
40
7.0
7.45
3
10
40
5
40
3.8
250
Purple Green Green
MAZ20750B
7.35
7.8
MAZ2082
7.7
8.2
8.7
MAZ20820A
40
7.7
8.2
4
10
40
5
40
4.5
230
Gray
Red
Red
MAZ20820B
8.1
8.6
MAZ2091
8.5
9.1
9.6
MAZ20910A
40
8.5
9.05
5
10
40
6
40
5.4
220
White Brown Brown
MAZ20910B
8.95
9.5
MAZ2100
9.4
10.0
10.6
MAZ21000A
40
9.4
10
7
10
40
6
40
6.3
200
Brown Black
MAZ21000B
9.9
10.5
MAZ2110
10.4
11.0
11.6
MAZ21100A
20
10.4
11.05
7
5
20
8
20
7.4
160
Brown Brown
MAZ21100B
10.85
11.5
MAZ2120
11.4
12.0
12.7
MAZ21200A
20
11.4
12.1
8
5
20
8
20
8.4
160
Brown
Red
MAZ21200B
11.9
12.6
MAZ2130
12.4
13.0
14.1
MAZ21300A
20
12.4
13.25
9
5
20
10
20
9.4
155
Brown Orange
MAZ21300B
13.15
14.0
MAZ2150
13.8
15.0
15.6
MAZ21500A
20
13.8
14.7
10
5
20
12
20
11.4
150
Brown Green
MAZ21500B
14.5
15.4
MAZ2160
15.3
16.0
17.1
MAZ21600A
20
15.3
16.3
11
5
20
12
20
12.5
135
Brown Blue
MAZ21600B
16.1
17.1
MAZ2180
16.8
18.0
19.1
MAZ21800A
20
16.8
18.0
12
5
20
15
20
14.5
110
Brown Gray
MAZ21800B
17.8
19.0
MAZ2200
18.8
20.0
21.2
MAZ22000A
20
18.8
20.0
14
5
20
15
20
16.6
100
Red
Black
MAZ22000B
19.8
21.0
s Electrical characteristics within part numbers T
a = 25°C
Part Number
Zener voltage
VZ (V)
IR (µA)
RZ (Ω)SZ (mV/°C)
IZ
VR
IZ
IZ
(mA) Min
Nom
Max
(V)
Max
(mA)
Max
(mA)
Typ
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f
= 1 MHz
Typ
Temperature
coefficient of
zener voltage
Terminal
capacitance
Zener
operating
resistance
Reverse
current
Marking symbol
(Color indication)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com