Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3254 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS3254
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3254 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS3254 Datasheet HTML 7Page - Dallas Semiconductor DS3254 Datasheet HTML 8Page - Dallas Semiconductor DS3254 Datasheet HTML 9Page - Dallas Semiconductor DS3254 Datasheet HTML 10Page - Dallas Semiconductor DS3254 Datasheet HTML 11Page - Dallas Semiconductor DS3254 Datasheet HTML 12Page - Dallas Semiconductor DS3254 Datasheet HTML 13Page - Dallas Semiconductor DS3254 Datasheet HTML 14Page - Dallas Semiconductor DS3254 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
11 of 71
Table 6-B. Receiver Pin Descriptions
Note: These pins are always active.
NAME
TYPE
FUNCTION
RXPn,
RXNn
I
Receiver Analog Inputs. These differential AMI inputs are coupled to the inbound 75
W coaxial cable
through a 1:2 step-up transformer (Figure 2-1).
RCLKn
O3
Receiver Clock. The recovered clock is output on the RCLK pin. Recovered data is output on the
RPOS/RDAT and RNEG/RLCV pins on the falling edge of RCLK (RCINV = 0) or the rising edge of
RCLK (RCINV = 1). During a loss of signal (
RLOS = 0), the RCLK output signal is derived from the
LIU’s master clock.
RPOSn/
RDATn
O3
Receiver Positive AMI/Receiver Data. When the receiver is configured to have a bipolar interface
(RBIN = 0), RPOS pulses high for each positive AMI pulse received. When the receiver is configured
to have a binary interface (RBIN = 1), RDAT outputs decoded binary data. RPOS/RDAT is updated
either on the falling edge of RCLK (RCINV = 0) or the rising edge of RCLK (RCINV = 1).
RNEGn/
RLCVn
O3
Receiver Negative AMI/Line-Code Violation. When the receiver is configured to have a bipolar
interface (RBIN = 0), RNEG pulses high for each negative AMI pulse received. When the receiver is
configured to have a binary interface (RBIN = 1), RLCV pulses high to flag code violations. See
Section 8.6 for further details on code violations. RNEG/RLCV is updated either on the falling edge of
RCLK (RCINV = 0) or the rising edge of RCLK (RCINV = 1).
RTSn
I
Receiver Tri-State Enable (Active Low).
RTS tri-states the RPOS/RDAT, RNEG/RLCV, and RCLK
receiver outputs. This feature supports applications requiring LIU redundancy. Receiver outputs from
multiple LIUs can be wire-ORed together, eliminating the need for external switches or muxes. The
receiver continues to operate internally when
RTS is low.
0 = tri-state the receiver outputs
1 = enable the receiver outputs
RLOSn
O
Receiver Loss of Signal (Active Low, Open Drain).
RLOS is asserted upon detection of 175 ±75
consecutive zeros in the receive data stream.
RLOS is deasserted when there are no excessive zero
occurrences over a span of 175
±75 clock periods. An excessive zero occurrence is defined as three
or more consecutive zeros in the DS3 and STS-1 modes or four or more zeros in the E3 mode. See
Section 8.5 for more information.
PRBSn
O
PRBS Detector Output. This signal reports the status of the PRBS detector. See Section 11 for
further details.
Table 6-C. Transmitter Pin Descriptions
Note: These pins are always active.
NAME
TYPE
FUNCTION
TCLKn
I
Transmitter Clock. A DS3 (44.736MHz
±20ppm), E3 (34.368MHz ±20ppm), or STS-1 (51.840MHz
±20ppm) clock should be applied at this signal. Data to be transmitted is clocked into the device at
TPOS/TDAT and TNEG either on the rising edge of TCLK (TCINV = 0) or the falling edge of TCLK
(TCINV = 1). See Section 9 for additional details.
TPOSn/
TDATn
I
Transmitter Positive AMI/Transmitter Data. When the transmitter is configured to have a bipolar
interface (TBIN = 0), a positive pulse is transmitted on the line when TPOS is high. When the
transmitter is configured to have a binary interface (TBIN = 1), the data on TDAT is transmitted after
B3ZS or HDB3 encoding. TPOS/TDAT is sampled either on the rising edge of TCLK (TCINV = 0) or
on the falling edge of TCLK (TCINV = 1).
TNEGn
I
Transmitter Negative AMI. When the transmitter is configured to have a bipolar interface (TBIN = 0),
a negative pulse is transmitted on the line when TNEG is high. When the transmitter is configured to
have a binary interface (TBIN = 1), TNEG is ignored and should be wired either high or low. TNEG is
sampled either on the rising edge of TCLK (TCINV = 0) or on the falling edge of TCLK (TCINV = 1).
TXPn,
TXNn
O3
Transmitter Analog Outputs. These differential AMI outputs are coupled to the outbound 75
W
coaxial cable through a 2:1 step-down transformer (Figure 2-1). These outputs can be tri-stated using
the
TTS pin or the TTS or TPS configuration bits.
TDMn
O
Transmitter Driver Monitor (Active Low, Open Drain).
TDM reports the status of the transmit driver
monitor. When the monitor detects a faulty transmitter,
TDM is driven low. TDM requires an external
pullup to VDD. See Section 9.6 for more information.
TTSn
I
Transmitter Tri-State Enable (Active Low).
TTS tri-states the transmitter outputs (TXP and TXN).
This feature supports applications requiring LIU redundancy. Transmitter outputs from multiple LIUs
can be wire-ORed together, eliminating external switches. The transmitter continues to operate
internally when
TTS is active.
0 = tri-state the transmitter output driver
1 = enable the transmitter output driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com