Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA19216MP Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HA19216MP
Description  6-Bit Flash Type Analog-to Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA19216MP Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HA19216MP Datasheet HTML 4Page - Hitachi Semiconductor HA19216MP Datasheet HTML 5Page - Hitachi Semiconductor HA19216MP Datasheet HTML 6Page - Hitachi Semiconductor HA19216MP Datasheet HTML 7Page - Hitachi Semiconductor HA19216MP Datasheet HTML 8Page - Hitachi Semiconductor HA19216MP Datasheet HTML 9Page - Hitachi Semiconductor HA19216MP Datasheet HTML 10Page - Hitachi Semiconductor HA19216MP Datasheet HTML 11Page - Hitachi Semiconductor HA19216MP Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HA19216/MP
11
50 mV
2
µs
Input (1 Vpp sine wave)
Beat-frequency
wave form of
5.05 MHz input
signal-sampling
at 20 MHz
Figure 11 Beat-Frequency Waveform of 5.05 MHz Input Signal-Sampled at 20 MHz
50 mV
1
µs
Input (1 Vpp sine wave)
Beat-frequency
wave form of
10.14 MHz input
signal-sampling
at 20 MHz
Figure 12 Beat-Frequency Waveform of 10.14 MHz Input Signal-Sampled at 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com