Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U344-001-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U344-001-R
Description  USB 3.0 SuperSpeed to VGA-DVI Adapter, 512MB SDRAM - 2048x1152,1080p
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U344-001-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U344-001-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U344-001-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3.0 SuperSpeed to VGA-DVI Adapter, 512MB
SDRAM - 2048x1152,1080p
MODEL NUMBER: U344-001-R
Description
Tripp Lite's U344-001-R USB 3.0 to VGA-DVI Multi Monitor External Video Adapter allows you to connect
an additional monitor or projector to a computer/laptop's USB 3.0 port. Up to six adapters can be used
simultaneously, allowing the user to connect up to six additional monitors to a single computer. Once the
installation is done, the computer screen appears on the add-on monitor(s) without the hassle of function
keys to swap to a second monitor. Supports video resolutions up to 2048 x 1152 (60Hz), 1080p (60Hz).
Windows and Intel Mac compatible.
Features
Add an additional DVI or VGA monitor through a single USB 3.0 port
q
Use up to six adapters simultaneously, adding up to six additional monitors to a single computer
q
View large spreadsheets across multiple screens by extending video amongst all monitors
q
Play video on one monitor while working on another
q
Do multiple screen presentations from a laptop computer
q
Bus powered...no external power adapter needed
q
Features 512MB DDR2 SDRAM of memory
q
Supports video resolutions up to 2048 x 1152 (60Hz), 1080p (60Hz)
q
Compatible with Windows 7 and later. Supports both 32- and 64-bit.
q
Supports Surface tablets running non-RT Windows 8, 8.1 and 10.
q
Supports Google Chromebook versions R51 and later.
q
Compatible with Intel Mac OS X 10.8.5 and later, Mac 10.11. Supports both 32- and 64-bit.
q
Uses DisplayLink DL3100 chipset
q
Highlights
Add an additional DVI or VGA
monitor through a single USB
3.0 port
q
Up to six adapters can be added
to one computer
q
Features 512MB DDR2 SDRAM
of memory
q
Supports video resolutions up to
2048 x 1152 (60Hz), 1080p
(60Hz)
q
Windows and Mac compatible
q
Compatible with Ubuntu 14.04.2
q
System Requirements
Compatible with Windows 7 and
later. Supports both 32- and 64-
bit.
q
Supports Surface tablets
running non-RT Windows 8, 8.1
and 10.
q
Supports Google Chromebook
versions R51 and later.
q
Compatible with Intel Mac OS X
10.8.5 and later, Mac 10.11.
Supports both 32- and 64-bit.
q
Reference the owner's manual
for system requirements when
using multiple adapters or when
using the add-on monitor for
DVD playback.
q
Package Includes
(1) U344-001-R USB 3.0 to
VGA-DVI Adapter
q
(1) Driver CD
q
(1) USB 3.0 Cable
q
(1) Owner's Manual
q
(1) DVI to VGA Adapter
q
1 / 2


Similar Part No. - U344-001-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U344-001-DP TRIPPLITE-U344-001-DP Datasheet
171Kb / 3P
USB 3.0 SuperSpeed to DisplayPort Dual-Monitor Cable, 512 MB SDRAM, 2560 x 1600, 1080p
U344-001-DP-4K TRIPPLITE-U344-001-DP-4K Datasheet
168Kb / 3P
USB 3.0 SuperSpeed to DisplayPort Dual-Monitor External Video Graphics Card Adapter, 512 MB SDRAM, 4K x 2K
U344-001-HD-4K TRIPPLITE-U344-001-HD-4K Datasheet
168Kb / 3P
USB 3.0 SuperSpeed to HDMI Dual-Monitor External Video Graphics Card Adapter, 512 MB SDRAM, 4K x 2K
U344-001-HDDVI TRIPPLITE-U344-001-HDDVI Datasheet
163Kb / 3P
USB 3.0 SuperSpeed to DVI and HDMI Dual Monitor Video Display Adapter
U344-001-HDMI-R TRIPPLITE-U344-001-HDMI-R Datasheet
171Kb / 2P
USB 3.0 SuperSpeed to HDMI Dual Monitor External Video Graphics Card Adapter, 512 MB SDRAM - 2048x1152,1080p
More results

Similar Description - U344-001-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U244001R TRIPPLITE-U244001R Datasheet
529Kb / 2P
USB to DVI and VGA Adapter, 128MB SDRAM - 1920x1200,1080p
U344001HDMIR TRIPPLITE-U344001HDMIR Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to HDMI Dual Monitor External Video Graphics Card Adapter, 512 MB SDRAM - 2048x1152,1080p
U344001R TRIPPLITE-U344001R Datasheet
517Kb / 2P
USB 3.0 SuperSpeed to VGA-DVI Adapter, 512MB SDRAM - 2048x1152,1080p
U344001HDDVI TRIPPLITE-U344001HDDVI Datasheet
500Kb / 2P
USB 3.0 SuperSpeed to DVI and HDMI Dual Monitor Video Display Adapter
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
SuperSpeed USB 3.0
logo
Tripp Lite. All Rights ...
U336-002-GB TRIPPLITE-U336-002-GB Datasheet
183Kb / 3P
USB 3.0 SuperSpeed to Dual Port Gigabit Ethernet Adapter
U344-001-HDDVI TRIPPLITE-U344-001-HDDVI Datasheet
163Kb / 3P
USB 3.0 SuperSpeed to DVI and HDMI Dual Monitor Video Display Adapter
U344-001-HDMI-R TRIPPLITE-U344-001-HDMI-R Datasheet
171Kb / 2P
USB 3.0 SuperSpeed to HDMI Dual Monitor External Video Graphics Card Adapter, 512 MB SDRAM - 2048x1152,1080p
U344-001-VGA TRIPPLITE-U344-001-VGA Datasheet
171Kb / 3P
USB 3.0 SuperSpeed to VGA Adapter, 512MB SDRAM - 1920 x 1080,1080p
logo
IOGEAR
GUC3020DW6 IOGEAR-GUC3020DW6 Datasheet
168Kb / 3P
USB 3.0 to DVI/HDMI/VGA External Video Card
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com