Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-3401LE Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS-3401LE
Description  The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-3401LE Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS-3401LE Datasheet HTML 1Page - Lite-On Technology Corporation LTS-3401LE Datasheet HTML 2Page - Lite-On Technology Corporation LTS-3401LE Datasheet HTML 3Page - Lite-On Technology Corporation LTS-3401LE Datasheet HTML 4Page - Lite-On Technology Corporation LTS-3401LE Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#$



=/;00714/; /3!/4
A
!(
/1C&;=1;29;;/4/; /3!/4
94885/<!0950/(24"

!
4990&;=1;29;;/4/; /3!/4
/;143/1;&;!  /; /3!/4


!
!
/6/;0/,5413//; /3!/4

,
7/;143/!7/;149;/13/
4D
4;13//!7/;149;/13/
4D
52/;/!7/;149;/!1E @ ;!1E0/14@!!F@G>/5=0/143751/
%&!"#$

       
6/;13/9!90#4/048
#


µ2
#H!
/1C!00(16/5/34
λ7
@
!
#H !
7/4;15/$15 (24
∆λ

!
#H !
!14(16/5/34
λ2@ 
!
#H !
&;=1;2,5413//; /3!/4
,

@
,
#H !
/6/;0/9;;/4/; /3!/4
#

µ,H,
9!90#4/048'14314
# !

#H!
4/ 9!90 4/048 0 !/109;/2 =4 1 534 0/0; 12 54/; !>14 414
177;E!14/04/#!!0#4/;1415/ /I51;13/"/8/ ;/070/9;6/



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com