Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3945 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UCC3945
Description  1V Synchronous Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UCC3945 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button UCC3945 Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 8Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 9Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 10Page - List of Unclassifed Manufacturers UCC3945 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
UCC2941-3/-5/-ADJ
UCC3941-3/-5/-ADJ
1.0V input.
Inductor Section
An inductor value of 22
µH will work well in most applica-
tions, but values between 10
µH and 100µH are also ac-
ceptable. Lower value inductors typically offer lower ESR
and smaller physical size. Due to the nature of the
“bang-bang” controllers, larger inductor values will typi-
cally result in larger overall voltage ripple, because once
the output voltage level is satisfied the converter goes
discontinuous, resulting in the residual energy of inductor
causing overshoot.
It is recommended to keep the ESR of the inductor below
0.15
Ω for 500mW applications. A Coilcraft DT3316P-223
surface mount inductor is one choice since it has a cur-
rent rating of 1.5A and an ESR of 84m
Ω. Other choices
for surface mount inductors are shown in Table 1.
Output Capacitor Selection
Once the inductor value is selected the capacitor value
will determine the ripple of the converter. The worst case
peak to peak ripple of a cycle is determined by two com-
ponents, one is due to the charge storage characteristic,
and the other is the ESR of the capacitor. The worst case
ripple occurs when the inductor is operating at maximum
current and is expressed as follows:
()
()
∆V
IL
CV
V
IC
CL
OI
CL
ESR
=
•
••
−
+•
2
2
where
ICL = the peak inductor current I
Power Limit
V
CL
IN
=


∆V = output ripple
VO = output voltage
VI = input voltage
CESR = ESR of the output capacitor
A Sanyo OS-CON series surface mount capacitor
(10SN100M) is one recommendation. This part has an
ESR rating of 90m
Ω at 100µF. Other potential capacitor
sources are shown in Table 2.
Input Capacitor Selection
Since the UCC3941 family does not require a large de-
coupling capacitor on the input voltage to operate prop-
erly, a 10
µF capacitor is sufficient for most applications.
Optimum efficiency will occur when the capacitor value is
large enough to decouple the source impedance. This
usually occurs for capacitor values in excess of 100
µF.
APPLICATION INFORMATION (cont.)
MANUFACTURER
PART NUMBER
Sanyo Video
Components
San Diego, California
OS-CON Series
Tel: 619-661-6322
Fax: 619-661-1055
AVX
Sanford, Maine
TPS Series
Tel: 207-282-5111
Fax: 207-283-1941
Sprague
Concord, New Hampshire
695D Series
Tel: 603-224-1961
Table 2. Capacitor Suppliers
MANUFACTURER
PART NUMBERS
Coilcraft
Cary, Illinois
DT Series
Tel: 708-639-2361
Fax: 708-639-1469
Coiltronics
Boca Raton, Florida
CTX Series
Tel: 407-241-7876
Table 1. Inductor Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com