Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3000N Datasheet(PDF) 15 Page - STMicroelectronics

Part # L3000N
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L3000N Datasheet HTML 11Page - STMicroelectronics L3000N Datasheet HTML 12Page - STMicroelectronics L3000N Datasheet HTML 13Page - STMicroelectronics L3000N Datasheet HTML 14Page - STMicroelectronics L3000N Datasheet HTML 15Page - STMicroelectronics L3000N Datasheet HTML 16Page - STMicroelectronics L3000N Datasheet HTML 17Page - STMicroelectronics L3000N Datasheet HTML 18Page - STMicroelectronics L3000N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ELECTRICAL CHARACTERISTICS (VDD = +5V; VSS = -5V; VB+ = +72V; VB– = –48V; Tamb = +25
°C (1))
STANDBY
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VLS
Output Voltage at L3000N Terminals
I Line = 0mA
43
V
ILCC
Short Circuit Current
8.8
12.5
mA
Iot
Off-hook Detection Threshold
5.3
8.8
mA
Hys
Off-hook/on-hook Hysteresis
1.5
2.5
mA
Vls
Simmetry to Ground
.75
V
CONVERSATION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VLO
Output Voltage at L3000N Terminals
I Line = 0mA
43
V
Ilim
Current Programmed Through the
LIM and AUT Inputs
Ilim
–10%
Ilim
+10%
mA
Iot
Off-hook Detection Threshold
5.6
9.8
mA
Hys
Off-hook/on-hook Hysteresis
1.5
2.5
mA
Ilgk
Longitudinal Line Current with GDK
Detect
6.5
15
mA
POWER-DOWN
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCN
Input Voltage at Pin COMP to Set
the Output Pin ONHK = 1
–100
mV
VCF
Input Voltage at Pin COMP to Set
the Output Pin ONHK = 0
100
mV
ICOM
Output Current at Pin COMP
COMP = GND
20
µA
SUPPLY CURRENT
Symbol
Parameter
Min.
Typ.
Max.
Unit
IDD
Positive Supply Current
CS = 1
Power Down/aut. Stand-by
Stand-by
Conversation
Ringing
5.7
7.5
11.7
11.3
mA
mA
mA
mA
ISS
Negative Supply Current
CS = 1
Power Down/aut. Stand-by
Stand-by
Conversation
Ringing
4.2
4.2
8.2
8.2
mA
mA
mA
mA
IBAT–
Negative Battery Supply Current
Line Current = 0mA
Power Down/aut. Stand-by
Stand-by
Conversation
Ringing
0
2
5
14
2.5
6.5
17
mA
mA
mA
mA
IBAT+
Positive Battery Supply Current
Line Current = 0mA
Power Down/aut. Stand-by
Stand-by
Conversation
Ringing
0
10
10
12
15
15
13.5
µA
µA
µA
mA
L3000N - L3092
15/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com