Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301 Datasheet(PDF) 1 Page - Energizer

Part # 301
Description  Silver Oxide Batteries
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

301 Datasheet(HTML) 1 Page - Energizer

  301 Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chemical System:
Silver Oxide (Zn/Ag2O)
Designation:
ANSI/NEDA-1133SO/1132SO, IEC-SR43
Nominal Voltage:
1.55 Volts
Typical Capacity:
127 mAh* (to 1.2 volts)
Capacity Test:
6.5K ohm continuous drain at 21°C
Typical Weight:
1.7 grams (0.06 oz.)
Typical Volume:
0.44 cubic centimeters (0.27 cubic inch)
Impedance (40 Hz):
5 to 15 ohms
Load
Cutoff
1.2V
(ohm)
(hours)
6.5K
542
(milliamperes)
Schedule
Typical Drains
Typical Performance at 21°C (70°F)
mm (inches)
Typical Discharge Characteristics
Industry Standard Dimensions
ENERGIZER 386/301
©Energizer Holdings, Inc. - Contents herein do not constitute a warranty.
Important Notice
This datasheet contains typical information specific to products manufactured at the time of its publication.
Continuous
0.234
at 1.52V
Typical Performance at Low Discharge Rates
Temperature Characteristics
SILVER OXIDE
Specifications
Cross Section
* Varies according to the applied load, temperature, and cutoff voltage.
PRODUCT DATASHEET
1-800-383-7323 / USA
1-800-383-7323 / CANADA
1-800-383-7323 USA/CAN
www.energizer.com
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
150
300
450
600
Service, Hours
Schedule: Continuous
Typical Drain @1.52V:
0.234 milliamperes
Load: 6.5K ohm
DESIGNED FOR USE ON CONTINUOUS LOW DRAIN
HIGH PULSE ON DEMAND
0
25
50
75
100
125
-20
0
20
40
Temperature (C)
Service Effects
60
70
80
90
100
02468
10
12
Storage Time (yrs)
Storage Effects
40 C
20 C
0C
Anode Cap
Gel Anode
Gasket
Can
Separator
Cathode
11.60 (0.457)
11.25 (0.443)
R1.5 (0.059) Ref.
Typical
0.13 (0.005) Minimum Ref.
(applies to top edge of gasket or
edge of crimp, whichever is higher)
0.20 (0.008) Maximum Ref.
Permissible deflection from a flat
6.70 (0.265) Ref.
Typical
4.20 (0.165)
3.80 (0.150)
3.63 (0.143) Ref.
3.38 (0.133) Ref.
Form No. EBC - 4350B
Page 1 of 1


Similar Part No. - 301

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
301 DBLECTRO-301 Datasheet
369Kb / 1P
SCREW TYPE SERIES
logo
Magnetrol International...
301 MAGNETROL-301 Datasheet
768Kb / 8P
ECHOTEL짰NON-CONTACTULTRASOUND
logo
Mill-Max Mfg. Corp.
301 MILL-MAX-301 Datasheet
315Kb / 1P
INTERCONNECTS 2,54 Grid (0,46 dia.) Pins, Straight and Right Angle Single Row
logo
Christian Bürkert GmbH ...
301 BURKERT-301 Datasheet
70Kb / 4P
3/2-Way Miniature Solenoid Valve, Sub-base connection
22.09.2017
logo
France Joint
301 FRANCEJOINT-301 Datasheet
342Kb / 2P
PISTON/ROD SEALS
More results

Similar Description - 301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR626W ETC1-SR626W Datasheet
135Kb / 3P
Zinc Silver Oxide Batteries
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
Silver Oxide Batteries
364 ENERGIZER-364 Datasheet
217Kb / 1P
Silver Oxide Batteries
377 ENERGIZER-377 Datasheet
214Kb / 1P
Silver Oxide Batteries
390 ENERGIZER-390 Datasheet
532Kb / 1P
Silver Oxide Batteries
392 ENERGIZER-392 Datasheet
197Kb / 1P
Silver Oxide Batteries
393 ENERGIZER-393 Datasheet
332Kb / 1P
Silver Oxide Batteries
397 ENERGIZER-397 Datasheet
534Kb / 1P
Silver Oxide Batteries
logo
Maxwell Technologies
SR920SW MAXWELL-SR920SW Datasheet
167Kb / 3P
Zinc Silver Oxide Batteries
logo
Murata Manufacturing Co...
SR41 MURATA1-SR41 Datasheet
455Kb / 2P
Silver oxide batteries
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com