Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPU2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DCPU2
Description  Mobile CPU Caddy for Computer Towers - Width Adjustable, Locking Casters, Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DCPU2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DCPU2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DCPU2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Mobile CPU Caddy for Computer Towers - Width
Adjustable, Locking Casters, Black
MODEL NUMBER: DCPU2
Rolling caddy secures your CPU under a desk, freeing up tabletop space and providing easy access to
front and rear ports and cables.
Features
Rolling CPU Stand Designed to Save Valuable Space in Your Computer Workstation
Why keep your desktop computer on your desktop, where it not only takes up valuable space, but is also
pushed against the wall, making it difficult to access rear USB ports and cable connections? Tripp Lite’s
adjustable DCPU2 lets you securely place your tower CPU beneath your desktop, saving space and
keeping important ports and switches within easy reach. Made from durable steel, the caddy features a
scratch-resistant black powder-coated finish that blends with your décor and stands up to frequent
handling.
Ideal for Safely Holding Your Desktop Computer at Home, School and the Office
This CPU caddy includes four metal casters that roll smoothly in every direction, wherever you need it.
Store your PC under your desk within easy reach, and merely roll it toward you to easily attach cables and
reach ports located in the rear of the unit. Two of the wheels lock securely to keep your computer firmly in
place, yet easily accessible. Storing your computer below your desk, but off the floor, helps keep it safe
from dust and dirt.
Adjusts to Accommodate Most Tower CPUs
The adjustable metal frame is open at the top and fits most computer cases ranging from 4.7 to 8.2 inches
(11.9 to 20.9 centimeters) wide. In addition to PC cases, the frame also supports UPS systems, gaming
towers and other essential workspace peripherals up to 22 pounds (10 kilograms). A locking knob holds
the unit firmly in place. Vented sides allow maximum airflow and help prevent your computer from
overheating.
Highlights
Rolls under your desk to leave
valuable tabletop and floor
space clear
q
Adjusts to fit wide range of
CPUs from 4.7 to 8.2 in. wide
(11.9 to 20.9 cm)
q
Durable metal construction with
powder-coated finish blends into
any décor
q
Open frame design allows easy
access to rear cabling and ports
for quick adjustments
q
4 swivel casters (2 locking)
allow smooth, easy movement
across the floor
q
Applications
Incorporate a PC or UPS
system into your workspace
without taking up valuable desk,
table or floor space
q
Package Includes
DCPU2 Mobile CPU Caddy
q
(4) Locking casters
q
Installation hardware
q
Owner’s manual
q
OVERVIEW
UPC Code
037332248886
PHYSICAL
1 / 2


Similar Part No. - DCPU2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DCPU1 TRIPPLITE-DCPU1 Datasheet
507Kb / 2P
CPU - Computer Mount
DCPUSWIV TRIPPLITE-DCPUSWIV Datasheet
170Kb / 2P
Under-Desk CPU Mount for Computer Towers - Width and Height Adjustable, 180-Degree Swivel, Black
More results

Similar Description - DCPU2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5996 STMICROELECTRONICS-L5996 Datasheet
77Kb / 9P
5 BIT DYNAMIC DAC CONTROLLER FOR MOBILE CPU
Jul-1999
logo
Texas Instruments
TPS5300 TI-TPS5300 Datasheet
323Kb / 21P
MOBILE CPU POWER SUPPLY CONTROLLER
logo
SpectraLinear Inc
W137 SPECTRALINEAR-W137 Datasheet
131Kb / 8P
FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
logo
ON Semiconductor
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
logo
Tripp Lite. All Rights ...
DCPU1 TRIPPLITE-DCPU1 Datasheet
507Kb / 2P
CPU - Computer Mount
DCPUSWIV TRIPPLITE-DCPUSWIV Datasheet
170Kb / 2P
Under-Desk CPU Mount for Computer Towers - Width and Height Adjustable, 180-Degree Swivel, Black
DMC1342S TRIPPLITE-DMC1342S Datasheet
165Kb / 3P
Mobile TV Stand - Height Adjustable, 13??to 42??TVs and Monitors, Locking Casters, Black
DMCCASTER TRIPPLITE-DMCCASTER Datasheet
165Kb / 2P
Locking Caster Kit for Rolling TV/Monitor Carts - Heavy Duty, Swivel, 4 in. Diameter, 4 Casters
logo
Moxa Inc.
V2403 MOXA-V2403 Datasheet
1Mb / 6P
Intel 3rd Gen Core CPU industrial computer
logo
Tripp Lite. All Rights ...
CSHANDLEKIT TRIPPLITE-CSHANDLEKIT Datasheet
169Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for Tablet/Chromebook Charging Stations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com