Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTA8550S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA8550S
Description  General Purpose Transistors PNP Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA8550S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA8550S Datasheet HTML 1Page - First Silicon Co., Ltd FTA8550S Datasheet HTML 2Page - First Silicon Co., Ltd FTA8550S Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise noted)
Characteristic
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
–
–
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5
–
–
V
(IE=100 µΑ)
Collector-Base Breakdown Voltage
V(BR)CBO
40
–
–
V
(IC=100 µΑ)
Collector Cutoff Current (V =35V)
CB
CBO
–
–
150
nA
Emitter Cutoff Current (V =4V)
EB
EBO
–
–
150
nA
DC Current Gain
IC=100mA,V =1V
CE
FE
120
Collector-Emitter Saturation Voltage
(IC=800mA I B=80mA)
VCE(S)
NOTE:
*
hFE
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Unit
ON CHARACTERISTICS
V
2007. 6. 20
2/3
FTA8550S
Revision No : 1
I
I
-
-
-
-
600
0.5
h
P
120~200
S
R
Q
150~300
200~400
300~600
Symbol
Min
Typ
Max
Unit
Symbol
Min
Typ
Max



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com