Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4922-CL Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4922-CL
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922-CL Datasheet(HTML) 5 Page - Cirrus Logic

  CS4922-CL Datasheet HTML 1Page - Cirrus Logic CS4922-CL Datasheet HTML 2Page - Cirrus Logic CS4922-CL Datasheet HTML 3Page - Cirrus Logic CS4922-CL Datasheet HTML 4Page - Cirrus Logic CS4922-CL Datasheet HTML 5Page - Cirrus Logic CS4922-CL Datasheet HTML 6Page - Cirrus Logic CS4922-CL Datasheet HTML 7Page - Cirrus Logic CS4922-CL Datasheet HTML 8Page - Cirrus Logic CS4922-CL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS4922
5
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V; all voltages with respect
to ground.)
DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = 5V ± 10%; measurements performed under
static conditions.)
Notes: 2. Not Valid for pin numbers 9, 12, 13, and 30 which are configured with on-chip pull-down resistors. Not
valid for pin number 29 which is a static input signal and should be tied to either VD+ or DGND.
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Digital
Positive Analog
| | VA+ | - | VD+ | |
VD+
VA+
-0.3
-0.3
-
6.0
6.0
0.4
V
V
V
Input Current, Any Pin Except Supplies
Iin
-
±10
mA
Digital Input Voltage
VIND
-0.3
(VD+) + 0.4
V
Ambient Operating Temperature (power applied)
TAmax
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Positive Analog
| | VA+ | - | VD+ | |
VD+
VA+
4.50
4.50
-
5.0
5.0
-
5.50
5.50
0.4
V
V
V
Ambient Operating Temperature
TA
0-
70
°C
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
TBD
2.25
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage at Io = -2.0 mA
VOH
VD x 0.9
-
-
V
Low-Level Output Voltage at Io = 2.0 mA
VOL
--
VD x 0.1
V
Input Leakage Current
(Note 2)
Iin
--
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com