Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5378 Datasheet HTML 15Page - Cirrus Logic CS5378 Datasheet HTML 16Page - Cirrus Logic CS5378 Datasheet HTML 17Page - Cirrus Logic CS5378 Datasheet HTML 18Page - Cirrus Logic CS5378 Datasheet HTML 19Page - Cirrus Logic CS5378 Datasheet HTML 20Page - Cirrus Logic CS5378 Datasheet HTML 21Page - Cirrus Logic CS5378 Datasheet HTML 22Page - Cirrus Logic CS5378 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
CS5378
DS639F1
19
3.4 Synchronization
Digital filter phase and analog sample timing of the
∆Σ modulator connected to the CS5378 are syn-
chronized by a rising edge on the SYNC pin. If a
synchronization signal is received identically by all
CS5378 devices in a measurement network, syn-
chronous sampling across the network is guaran-
teed.
3.5 System Configuration
Through the serial configuration interface, filter
coefficients and digital filter register settings can
either be programmed by a microcontroller or auto-
matically loaded from an external EEPROM after
reset. System configuration is only required for the
CS5378 device, as other devices are configured via
the CS5378 General Purpose I/O pins.
Two registers in the digital filter, SYSTEM1 and
SYSTEM2 (0x2C, 0x2D), are provided for user de-
fined system information. These are general pur-
pose registers that will hold any 24-bit data values
written to them.
3.6 Digital Filter Operation
After analog to digital conversion occurs in the
modulator, the oversampled 1-bit
∆Σ data is read
into the CS5378 through the MDATA pin. The dig-
ital filter then processes data through the enabled
filter stages, decimating it to 24-bit words at a pro-
grammed output word rate. The final 24-bit sam-
ples are concatenated with 8-bit status words and
placed into an output FIFO.
3.7 Data Collection
Data is collected from the CS5378 through the se-
rial data interface. When data is available, serial
transactions are automatically initiated to transfer
24-bit data or 32-bit status+data from the output
FIFO to the system telemetry. The output FIFO has
eight data locations to permit latency in data collec-
tion.
3.8 Integrated peripherals
Test Bit Stream (TBS)
A digital signal generator built into the CS5378
produces a 1-bit
∆Σ sine wave or impulse function.
This digital test bit stream is connected to the
CS4373 test DAC to create high quality analog test
signals or internally looped back to the CS5378
MDATA input to test the digital filter and data col-
lection circuitry.
Time Break
Timing information is recorded during data collec-
tion by strobing the TIMEB pin. A dedicated flag
in the sample status bits, TB, is set high to indicate
during which measurement the timing event oc-
curred.
General Purpose I/O (GPIO)
Eight general purpose pins are available on the
CS5378 for system control. Each pin can be set as
input or output, high or low, with an internal pull-
up enabled or disabled. The CS3301/02, CS5371
and CS4373 devices in Figure 9 are configured by
simple pin settings controlled through the CS5378
GPIO pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com