Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5342 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB5342
Description  105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5342 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB5342 Datasheet HTML 1Page - Cirrus Logic CDB5342 Datasheet HTML 2Page - Cirrus Logic CDB5342 Datasheet HTML 3Page - Cirrus Logic CDB5342 Datasheet HTML 4Page - Cirrus Logic CDB5342 Datasheet HTML 5Page - Cirrus Logic CDB5342 Datasheet HTML 6Page - Cirrus Logic CDB5342 Datasheet HTML 7Page - Cirrus Logic CDB5342 Datasheet HTML 8Page - Cirrus Logic CDB5342 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CS5342
DS608PP2
3
LIST OF FIGURES
Figure 1. Single Speed Stopband Rejection .................................................................................. 8
Figure 2. Single Speed Stopband Rejection (detail) ...................................................................... 8
Figure 3. Single Speed Transition Band (detail) ............................................................................ 8
Figure 4. Single Speed Passband Ripple ...................................................................................... 8
Figure 5. Double Speed Stopband Rejection ................................................................................. 8
Figure 6. Double Speed Stopband Rejection (detail) ..................................................................... 8
Figure 7. Double Speed Transition Band (detail) ........................................................................... 9
Figure 8. Double Speed Passband Ripple ..................................................................................... 9
Figure 9. Quad Speed Stopband Rejection ................................................................................... 9
Figure 10. Quad Speed Stopband Rejection (detail) ..................................................................... 9
Figure 11. Quad Speed Transition Band (detail) ............................................................................ 9
Figure 12. Quad Speed Passband Ripple ...................................................................................... 9
Figure 13. Master Mode, Left Justified SAI .................................................................................. 12
Figure 14. Slave Mode, Left Justified SAI .................................................................................... 12
Figure 15. Master Mode, I2S SAI ................................................................................................. 12
Figure 16. Slave Mode, I2S SAI ................................................................................................... 12
Figure 17. Typical Connection Diagram ....................................................................................... 14
Figure 18. CS5342 Master Mode Clocking .................................................................................. 16
Figure 19. Left-Justified Serial Audio Interface ............................................................................ 17
Figure 20. I2S Serial Audio Interface ............................................................................................ 17
Figure 21. CS5342 Recommended Analog Input Buffer .............................................................. 18
Figure 22. CS5342 THD+N versus Frequency ............................................................................ 19
LIST OF TABLES
Table 1. Speed Modes and the Associated Output Sample Rates (Fs)........................................ 15
Table 2. CS5342 Mode Control..................................................................................................... 15
Table 3. Master Clock (MCLK) Ratios........................................................................................... 17
Table 4. Master Clock (MCLK) Frequencies for Standard Audio Sample Rates .......................... 17
Table 5. Revision History .............................................................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com