| Electronic Components Datasheet Search |
|
CS5463 Datasheet(PDF) 23 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5463 Datasheet(HTML) 23 Page - Cirrus Logic |
|
23 / 44 page ![]() CS5463 DS678PP1 23 5.15 Commands All commands are 8-bits in length. Any byte that is not listed in this section is invalid. Commands that write to regis- ters must be followed by 3 bytes of data. Commands that read data can be chained with other commands (e.g., while reading data, a new command can be sent which can execute during the original read). All commands except reg- ister reads, register writes, and SYNC0 & SYNC1 will abort any currently executing commands. 5.15.1 Start Conversions Initiates acquiring measurements and calculating results. The device has two modes of acquisition. C3 Modes of acquisition/measurement 0 = Perform a single computation cycle 1 = Perform continuous computation cycles 5.15.2 SYNC0 and SYNC1 The serial port can be initialized by asserting CS or by sending three or more consecutive SYNC1 commands fol- lowed by a SYNC0 command. The SYNC0 or SYNC1 can also be sent while sending data out. SYNC 0 = Last byte of a serial port re-initialization sequence. 1 = Used during reads and serial port initialization. 5.15.3 Power-up/Halt If the device is powered-down, Power-Up/Halt will initiate a power on reset. If the part is already powered-on, all computations will be halted. 5.15.4 Power-down and Software Reset To conserve power the CS5463 has two power-down states. In stand-by state all circuitry, except the analog/digital clock generators, is turned off. In the sleep state all circuitry, except the command decoder, is turned off. Bringing the CS5463 out of sleep state requires more time than out of stand-by state, because of the extra time needed to re-start and re-stabilize the analog oscillator. S[1:0] Power-down state 00 = Software Reset 01 = Halt and enter stand-by power saving state. This state allows quick power-on 10 = Halt and enter sleep power saving state. 11 = Reserved B7 B6 B5 B4 B3 B2 B1 B0 1110 C3 000 B7 B6 B5 B4 B3 B2 B1 B0 1111111 SYNC B7 B6 B5 B4 B3 B2 B1 B0 10100000 B7 B6 B5 B4 B3 B2 B1 B0 100 S1 S0 000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |