Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5541 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 13Page - Cirrus Logic CS5541 Datasheet HTML 14Page - Cirrus Logic CS5541 Datasheet HTML 15Page - Cirrus Logic CS5541 Datasheet HTML 16Page - Cirrus Logic CS5541 Datasheet HTML 17Page - Cirrus Logic CS5541 Datasheet HTML 18Page - Cirrus Logic CS5541 Datasheet HTML 19Page - Cirrus Logic CS5541 Datasheet HTML 20Page - Cirrus Logic CS5541 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
CS5541
DS500PP1
17
2.9.6 System Calibration
If a system level calibration is to be performed us-
ing a system microcontroller, it is best to put the
converter in the Continuous Conversions with De-
fault Calibration Coefficients mode. The user
would configure the system with a zero-level input
and store the resulting conversion for system offset
correction. Then the user would configure the sys-
tem with a full-scale input level and store the re-
sulting conversion for system full-scale correction.
Correction of converter data is then performed us-
ing the system microcontroller.
2.9.7 Reading Conversions
At the completion of a conversion, SDO will fall to
logic 0 to indicate that the conversion is complete.
If calibration modes are used they will be transpar-
ent to user and only affect the effective throughput
of the ADC. Nevertheless, to read a conversion
word, the user must issue 8 SCLKs (SDI = logic 0
for the NULL command and remain in this mode or
SDI can be used to clock in a new command) to
clear the SDO flag and read the status flags. Upon
the falling edge of the 8th SCLK, the SDO pin will
present the first bit (MSB) of the conversion word.
24 SCLKs (high, then low) are then required to
read the conversion word from the port. Upon the
falling edge of the 32nd SCLK, SDO will return
high, waiting till the next conversion is complete
before it falls again.
When operating in any of the conversion modes,
the user need not read every conversion. If the user
chooses not to read a conversion after SDO falls,
SDO will rise one MCLK clock cycle before the
next conversion is completed and then fall to signal
that another conversion word is available. To exit
the particular conversion mode, the user must issue
any valid command, other than the NULL com-
mand, to the SDI input. The new command can be
issued anytime other than during the data read. If
the user wants to read the last conversion data and
issue the new command, the following protocol is
required: After SDO falls, read the status flags
(keeping SDI low, 8 SCLKs), followed by the con-
version data (24 SCLKs). Then follow it up with
the new command at SDI (8 SCLKs).
If the command happens to be a power save com-
mand, the serial port goes back to the command
mode. Otherwise, the conversion will stop in
progress and start new conversions based on the in-
formation in the command byte, and the serial port
remains in the data mode.
Note:
1) If the user begins to clear the SDO end-of-
conversion flag and read the conversion data,
this action must be finished before the
conversion cycle which is occurring in the
background is complete if the user wants to
be able to read the new conversion data.
2) If a new conversion command is issued to
the converter while it is performing a
conversion, the filter will stop the current
conversion and start a new convolution cycle
to perform a new conversion.
3) If a new conversion command is issued
when SDO is low, SDO will output 01111,
then CH, OD, and OF. Afterwards, SDO will
remain high until one MCLK cycle before the
new data is ready, then fall to indicate that the
conversion is completed.
2.9.8 Output Coding
The CS5541 outputs 24-bit data conversion words.
To read a conversion word the user must read the
conversion data register. The conversion data reg-
ister is 24 bits long and outputs the data word MSB
first. Once a conversion is complete, SDO falls and
32 SCLK’s are required to read the results. The first
8 SCLKs are used to clear the SDO flag and clock
out the status flags.
The Channel Indicator (CH) bit keeps track of
which input channel was converted.
The Oscillation Detect (OD) bit is set to a logic 1 any
time that an oscillatory condition is detected in the
modulator. This does not occur under normal oper-
ating conditions, but may occur whenever the input
to the converter is extremely overranged. If the OD
bit is set, the conversion data bits can be completely



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com