Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7666 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS7666
Description  DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7666 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS7666 Datasheet HTML 3Page - Cirrus Logic CS7666 Datasheet HTML 4Page - Cirrus Logic CS7666 Datasheet HTML 5Page - Cirrus Logic CS7666 Datasheet HTML 6Page - Cirrus Logic CS7666 Datasheet HTML 7Page - Cirrus Logic CS7666 Datasheet HTML 8Page - Cirrus Logic CS7666 Datasheet HTML 9Page - Cirrus Logic CS7666 Datasheet HTML 10Page - Cirrus Logic CS7666 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
CS7666
DS302PP1
7
mon target resolutions for the scaler are 640 and
720 pixels per line (square and rectangular pixel
formats), but it is possible to provide generic scal-
ing of M/N where M and N are values from 1 to 31.
The CS7615 and CS7666 chip set supports a wide
range of imager formats while providing an output
format that follows the ITU-601 Component Digi-
tal Video recommendation. The ITU-601 docu-
ment primarily specifies horizontal resolutions of
720 active horizontal pixels (which is required for
broadcast
television
compatibility).
However,
many of today’s digital video receivers are capable
of operating with a wide range of video image for-
mats. Even though these digital video receivers al-
low image formats not specified in the ITU-
601/656 recommendation, all of these receivers ex-
pect the basic ITU-601/656 protocol to be followed
in terms of data sequence and timing cues. This is
the case with the CS7666, where all output formats
follow the ITU-601/656 recommendation even if
the image formats differ in horizontal and vertical
pixel dimensions.
The 640 Pixel Horizontal Line
The following discussion assumes that a 512 hori-
zontal pixel class imager has been selected for the
camera, the CS7615 has been programmed to pro-
vide 512 active pixels and 112 inactive pixels, and
that the internal 4:5 horizontal scaler has been en-
abled (scaler mode 1). Many other imager/scaler
combinations are possible, but the digital video for-
mat would not be significantly different than the
640x480 case described.
Transmitted during each active line are 1280 mul-
tiplexed luminance and chrominance values (640
luminance, 320 chrominance Cr, and 320 chromi-
nance Cb values). Eight of the remaining 280 inter-
face
clock
intervals
are
used
to
transmit
synchronizing information. The first of these 1560
interface clock intervals is designated line 0 word 0
for the purpose of reference only. The 1560 sample
words per total line are therefore numbered 0
through 1559. Intervals 0 through 1279, inclusive,
contain video data.
The interface clock intervals occurring during dig-
ital blanking are designated 1280 through 1559. In-
tervals 1280 through 1283 are reserved for the end-
active-video (EAV) timing reference. Intervals
1556 through 1559 are reserved for the start-of-ac-
tive-video (SAV) timing reference. Figure 3 indi-
cates the values of the timing reference signals (F,
V, H) for an entire frame of interlaced video. Please
note the scan lines are numbered 1 through 525
consecutively in the time domain (spatially they are
interlaced). Table 1 defines the 1560 samples of a
single scan line of video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com