Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42416 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 19Page - Cirrus Logic CS42416 Datasheet HTML 20Page - Cirrus Logic CS42416 Datasheet HTML 21Page - Cirrus Logic CS42416 Datasheet HTML 22Page - Cirrus Logic CS42416 Datasheet HTML 23Page - Cirrus Logic CS42416 Datasheet HTML 24Page - Cirrus Logic CS42416 Datasheet HTML 25Page - Cirrus Logic CS42416 Datasheet HTML 26Page - Cirrus Logic CS42416 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
23
CS42416
3.5.4.2
OLM Config #2
This configuration will support up to 6 channels of DAC data, 6 channels of ADC data and will handle up
to 20-bit samples at a sampling frequency of 96 kHz on all channels for both the DAC and ADC. The out-
put data stream of the internal and external ADCs is configured to use the ADC_SDOUT output and run
at the DAC Serial Port sample frequency.
Register / Bit Settings
Description
Functional Mode Register (addr = 03h)
Set DAC_FMx = 00,01,10
DAC_LRCK can run at SSM, DSM or QSM independent of ADC_LRCK
Set ADC_FMx = 00,01,10
ADC_LRCK can run at SSM, DSM or QSM independent of DAC_LRCK
Set ADC_CLK_SEL = 1
Configure ADC_SDOUT to be clocked from the ADC_SP clocks.
Interface Format Register (addr = 04h)
Set DIFx bits to proper serial format
Select the digital interface format when not in one line mode
Set ADC_OLx bits = 00,01,10
Select ADC operating mode, see table below for valid combinations
Set DAC_OLx bits = 00,01
Select DAC operating mode, see table below for valid combinations
Misc. Control Register (addr = 05h)
Set CODEC_SP M/S = 1
Set CODEC Serial Port to master mode.
Set SAI_SP M/S = 1
Set Serial Audio Interface Port to master mode.
Set EXT ADC SCLK = 1
Identify external ADC clock source as DAC Serial Port.
DAC Mode
Not One Line Mode
One Line Mode #1
One Line Mode #2
ADC Mode
Not One
Line Mode
DAC_SCLK=64Fs
DAC_LRCK=SSM/DSM/QSM
ADC_SCLK=64Fs
ADC_LRCK=SSM/DSM/QSM
DAC_SCLK=128Fs
DAC_LRCK=SSM
ADC_SCLK=64Fs
ADC_LRCK=SSM/DSM/QSM
not valid
One Line
Mode #1
DAC_SCLK=64Fs
DAC_LRCK=SSM/DSM
ADC_SCLK=128Fs
ADC_LRCK=CX_LRCK
DAC_SCLK=128Fs
DAC_LRCK=SSM
ADC_SCLK=128Fs
ADC_LRCK=CX_LRCK
not valid
One Line
Mode #2
DAC_SCLK=64Fs
DAC_LRCK=SSM
ADC_SCLK=256Fs
ADC_LRCK=CX_LRCK
not valid
not valid
SC LK_P OR T1
LR CK _PO RT1
SD IN _POR T1
SC LK_P OR T2
LR CK _PO RT2
S DO UT1_P OR T2
S DO UT2_P OR T2
S DO UT3_P OR T2
RM CK
AD CIN 1
AD CIN 2
MC LK
SD OU T1
SD OU T2
LRCK
SC LK
64Fs ,12 8Fs
ADC Data
64Fs ,12 8Fs,
256Fs
DIG ITAL AUDIO
P RO CESSO R
CS5361
CS5361
ADC_SC LK
A DC _LR CK
ADC _SD O UT
DAC_S CLK
DA C_LRCK
DAC_SD IN 1
DAC_SD IN 2
DAC_SD IN 3
MC LK
Figure 14. OLM Configuration #2
CS42416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com