Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTA1036K Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1036K
Description  Medium Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1036K Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1036K Datasheet HTML 1Page - First Silicon Co., Ltd FTA1036K Datasheet HTML 2Page - First Silicon Co., Ltd FTA1036K Datasheet HTML 3Page - First Silicon Co., Ltd FTA1036K Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Min.
Typ.
Max.
Unit
BVCBO
V
BVCEO
V
BVEBO
V
ICBO
µ
A
IEBO
µ
A
VCE(sat)
V
hFE
-
fT
MHz
Cob
pF
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ration
VCB = -20V
VEB = -4V
IC =-100mA, IB = -10mA
VCE = -3V, IC = -10mA
Conditions
IC = -100µA
IC = -1mA
IE = -100µA
VCE = -5V, IE = 20mA, f = 100MHz
VCB = -10V, IE = 0A, f = 1MHz
Transition frequence
Output capacitance
Electrical characteristics (Ta = 25˚C )
hFE values are classified as follows.
2009. 11. 06
2/4
FTA1036K
Revision No : 1
-40
-32
-5
-
-
-
82
-
-
-
-
-
-
-
-0.1
-
200
7
-
-
-
-1
-1
-0.25
390
-
-
Item
hFE
P
82 ~ 180
Q
120 ~ 270
R
180 ~ 390



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com