Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42438 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 56Page - Cirrus Logic CS42438 Datasheet HTML 57Page - Cirrus Logic CS42438 Datasheet HTML 58Page - Cirrus Logic CS42438 Datasheet HTML 59Page - Cirrus Logic CS42438 Datasheet HTML 60Page - Cirrus Logic CS42438 Datasheet HTML 61Page - Cirrus Logic CS42438 Datasheet HTML 62Page - Cirrus Logic CS42438 Datasheet HTML 63Page - Cirrus Logic CS42438 Datasheet HTML 64Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
DS646PP2
63
15 REVISION HISTORY
Revision
Date
Changes
A1
July 2004
Initial Release
A2
October 2004
Corrected I²C Address in section 5.7.2 on page 37.
Corrected Chip I.D. in section 7.2.1 on page 42.
PP1
January 2005
Initial Preliminary Product (PP) Release subject to legal notice below.
Added pin numbers to “Typical Connection Diagram (Software Mode)” on
page 10 and “Typical Connection Diagram (Hardware Mode)” on page 11.
Changed ADC Double-Speed Mode parameters. See Note 2 on page 12 and
Note 18 on page 21.
Added ADC3 MUX Interchannel Isolation characteristic in section “Character-
istics and Specifications” beginning on page 12.
Changed ADC Passband Ripple maximum specifications for SSM, DSM &
QSM in section “Characteristics and Specifications” beginning on page 12.
Changed DAC Frequency Response specifications for SSM, DSM & QSM in
section “Characteristics and Specifications” beginning on page 12.
Removed ADC Quad-Speed Mode feature. See Note 19 on page 21.
Added section “De-Emphasis Filter” on page 32.
Corrected section “TDM” on page 33.
Changed AIN1-6 Volume Control range from (+12 dB to -115.5 dB) to (+24 dB
to -64 dB) in register “AINx Volume Control (AINx_VOL[7:0])” on page 49.
Removed the register “Status Control (address 18h)”. See “CLOCK ERROR
(CLK Error)” on page 50 and “ADC Overflow (ADCX_OVFL)” on page 50 for
the Active Mode setting.
PP2
February 2005
Corrected Figures 21-23.
Added section “Ordering Information” on page 62.
Table 10. Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com