| Electronic Components Datasheet Search |
|
CS44600 Datasheet(PDF) 64 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS44600 Datasheet(HTML) 64 Page - Cirrus Logic |
|
64 / 78 page ![]() 64 DS633PP1 CS44600 7.23 Channel Over Flow Status (address 2Bh) (Read Only) For all bits in this register, a ‘1’ means the associated condition has occurred at least once since the register was last read. A ‘0’ means the associated condition has NOT occurred since the last reading of the register. Reading the register resets all bits to 0 if the Overflow Level/Edge interrupt type is set to “edge trigger”. These channel overflow status bits are not effected by the interrupt mask bit, M_OVFL_INT. The overflow condition of each channel can be polled instead of generating an interrupt as required. 7.23.1 ChXX_OVFL Default = 0 Function: When high, indicates that the magnitude of the current output sample on the associated channel has ex- ceeded full scale and has been clipped to positive or negative full scale as appropriate. 7.24 GPIO Pin In/Out (address 2Ch) 7.24.1 GPIO In/Out Selection (GPIOX_I/O) Default = 0 0 - General Purpose Input 1 - General Purpose Output Function: General Purpose Input - The pin is configured as an input. General Purpose Output - The pin is configured as a general purpose output. 7.25 GPIO Pin Polarity/Type (address 2Dh) 7.25.1 GPIO Polarity/Type Selection (GPIOX_P/T) Default = 1 Function: General Purpose Input - If the pin is configured as an input, this bit defines the input polarity (0 = Active Low, 1 = Active High). General Purpose Output - If the pin is configured as a general purpose output, this bit defines the GPIO output type (0 = CMOS, 1 = OPEN-DRAIN). 76 54 32 10 RESERVED RESERVED CHB3_OVFL CHA3_OVFL CHB2_OVFL CHA2_OVFL CHB1_OVFL CHA1_OVFL 76 54 32 10 RESERVED GPIO6_I/O GPIO5_I/O GPIO4_I/O GPIO3_I/O GPIO2_I/O GPIO1_I/O GPIO0_I/O 76 54 32 10 RESERVED GPIO6_P/T GPIO5_P/T GPIO4_P/T GPIO3_P/T GPIO2_P/T GPIO1_P/T GPIO0_P/T |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |