Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44800 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS44800 Datasheet HTML 8Page - Cirrus Logic CS44800 Datasheet HTML 9Page - Cirrus Logic CS44800 Datasheet HTML 10Page - Cirrus Logic CS44800 Datasheet HTML 11Page - Cirrus Logic CS44800 Datasheet HTML 12Page - Cirrus Logic CS44800 Datasheet HTML 13Page - Cirrus Logic CS44800 Datasheet HTML 14Page - Cirrus Logic CS44800 Datasheet HTML 15Page - Cirrus Logic CS44800 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
12
DS632PP1
CS44800
SWITCHING CHARACTERISTICS - SYS_CLK
(VD = 2.5 V, VDP = VLC = VDX = 3.3 V, VLS = 2.5 V to 5.0 V, Cload = 50 pF)
SWITCHING CHARACTERISTICS - PWMOUTA1-B4
(VD = 2.5 V, VLS = VLC = VDX = 3.3 V, VDP = 3.3 V to 5.0 V unless otherwise specified, Cload = 10 pF)
SWITCHING CHARACTERISTICS - PS_SYNC
(VD = 2.5 V, VLS = VLC = VDX = 3.3 V, VDP = 3.3 V to 5.0 V, Cload = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
SYS_CLK Period
tsclki
18.518
---
---
ns
SYS_CLK Duty Cycle
45
50
55
%
Parameter
Symbol
Min
Typ
Max
Unit
PWMOUTxx Period
tpwm
2.60
-
1.18
µs
Rise Time of PWMOUTxx
VDP = 5.0 V
VDP = 3.3 V
tr
-
-
1.6
2.1
-
-
ns
ns
Fall Time of PWMOUTxx
VDP = 5.0 V
VDP = 3.3 V
tf
-
-
1.1
1.4
-
-
ns
ns
Parameter
Symbol
Min
Typ
Max
Unit
PS_SYNC Period
tpsclki
592.576
---
---
ns
PS_SYNC Duty Cycle
45
50
55
%
SYS_CLK
t
sclki
Figure 3. SYS_CLK Timings
PWMOUTxx
t
pwm
t
r
t
f
Figure 4. PWMOUTxx Timings
PS_SYNC
t
psclki
Figure 5. PS_SYNC Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com