Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB44800 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB44800
Description  8-Channel Digital Amplifier Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB44800 Datasheet HTML 1Page - Cirrus Logic CDB44800 Datasheet HTML 2Page - Cirrus Logic CDB44800 Datasheet HTML 3Page - Cirrus Logic CDB44800 Datasheet HTML 4Page - Cirrus Logic CDB44800 Datasheet HTML 5Page - Cirrus Logic CDB44800 Datasheet HTML 6Page - Cirrus Logic CDB44800 Datasheet HTML 7Page - Cirrus Logic CDB44800 Datasheet HTML 8Page - Cirrus Logic CDB44800 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
4
DS632PP1
CS44800
7.1.1 Increment (INCR) ................................................................................................ 49
7.1.2 Memory Address Pointer (MAPx) ....................................................................... 49
7.2 CS44800 I.D. and Revision Register (address 01h) (Read Only) ................................... 49
7.2.1 Chip I.D. (Chip_IDx) ............................................................................................ 49
7.2.2 Chip Revision (Rev_IDx) ..................................................................................... 49
7.3 Clock Configuration and Power Control (address 02h) ................................................... 50
7.3.1 Enable SYS_CLK Output (EN_SYS_CLK) ......................................................... 50
7.3.2 SYS_CLK Clock Divider Settings (SYS_CLK_DIV[1:0]) ..................................... 50
7.3.3 PWM Master Clock Divider Settings (PWM_MCLK_DIV[1:0]) ............................ 50
7.3.4 Power Down XTAL (PDN_XTAL) ........................................................................ 50
7.3.5 Power Down Output Mode (PDN_OUTPUT_MODE) ......................................... 51
7.3.6 Power Down (PDN) ............................................................................................. 51
7.4 PWM Channel Power Down Control (address 03h) ........................................................ 51
7.4.1 Power Down PWM Channels (PDN_PWMB4:PDN_PWMA1) ............................ 51
7.5 Misc. Configuration (address 04h) ................................................................................... 52
7.5.1 Digital Interface Format (DIFX) ........................................................................... 52
7.5.2 AM Frequency Hopping (AM_FREQ_HOP) ........................................................ 52
7.5.3 Freeze Controls (FREEZE) ................................................................................. 52
7.5.4 De-Emphasis Control (DEM[1:0]) ....................................................................... 53
7.6 Ramp Configuration (address 05h) ................................................................................. 53
7.6.1 Ramp-Up/Down Setting (RAMP[1:0]) ................................................................ 53
7.6.2 Ramp Speed (RAMP_SPD[1:0]) ......................................................................... 53
7.7 Volume Control Configuration (address 06h) .................................................................. 54
7.7.1 Single Volume Control (SNGVOL) ...................................................................... 54
7.7.2 Soft Ramp and Zero Cross Control (SZC[1:0]) ................................................... 54
7.7.3 Enable 50% Duty Cycle for Mute Condition (MUTE_50/50) ............................... 54
7.7.4 Soft Ramp-Down on Interface Error (SRD_ERR) .............................................. 55
7.7.5 Soft Ramp-Up on Recovered Interface Error (SRU_ERR) ................................. 55
7.7.6 Auto-Mute (AMUTE) ........................................................................................... 55
7.8 Master Volume Control - Integer (address 07h) .............................................................. 56
7.8.1 Master Volume Control - Integer (MSTR_IVOL[7:0]) .......................................... 56
7.9 Master Volume Control - Fraction (address 08h) ............................................................. 56
7.9.1 Master Volume Control - Fraction (MSTR_FVOL[1:0]) ....................................... 56
7.10 Channel XX Volume Control - Integer (addresses 09h - 10h) ....................................... 58
7.10.1 Channel Volume Control - Integer (CHXx_IVOL[7:0]) ...................................... 58
7.11 Channel XX Volume Control1 - Fraction (address 11h)
.............................................. 58
7.12 Channel XX Volume Control2 - Fraction (address 12h) ................................................ 58
7.12.1 Channel Volume Control - Fraction (CHXX_FVOL[1:0]) ................................... 58
7.13 Channel Mute (address 13h) ......................................................................................... 59
7.13.1 Independent Channel Mute (CHXX_MUTE) ..................................................... 59
7.14 Channel Invert (address 14h) ........................................................................................ 59
7.14.1 Invert Signal Polarity (CHXX_INV) .................................................................... 59
7.15 Peak Limiter Control Register (address 15h) ............................................................... 60
7.15.1 Peak Signal Limit All Channels (LIMIT_ALL) .................................................... 60
7.15.2 Peak Signal Limiter Enable (LIMIT_EN) ........................................................... 60
7.16 Limiter Attack Rate (address 16h) ................................................................................ 60
7.16.1 Attack Rate (ARATE[7:0]) ................................................................................. 60
7.17 Limiter Release Rate (address 17h)
........................................................................... 61
7.17.1 Release Rate (RRATE[7:0]) .............................................................................. 61
7.18 Chnl XX Load Compensation Filter - Coarse Adjust
(addresses 18h, 1Ah, 1Ch, 1Eh, 20h, 22h, 24h, 26h) ................................................. 61
7.18.1 Channel Compensation Filter - Coarse Adjust (CHXX_CORS[5:0]) ................. 61
7.19 Chnl XX Load Compensation Filter - Fine Adjust
(addresses 19h, 1Bh, 1Dh, 1Fh, 21h, 23h, 25h, 27h) .................................................. 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com