Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61310-IL Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS61310-IL
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310-IL Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS61310-IL Datasheet HTML 11Page - Cirrus Logic CS61310-IL Datasheet HTML 12Page - Cirrus Logic CS61310-IL Datasheet HTML 13Page - Cirrus Logic CS61310-IL Datasheet HTML 14Page - Cirrus Logic CS61310-IL Datasheet HTML 15Page - Cirrus Logic CS61310-IL Datasheet HTML 16Page - Cirrus Logic CS61310-IL Datasheet HTML 17Page - Cirrus Logic CS61310-IL Datasheet HTML 18Page - Cirrus Logic CS61310-IL Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
CS61310
DS440F1 FEB ‘03
15
LOOPUP
Loop Up
Setting LOOPUP to “1” causes the data pattern 00001... to be repetitively transmitted.
RPWDN
Receiver Power Down
When RPWDN = 1, the receiver circuitry is powered down, but the transmitter is still active.
TxHIZ
Transmitter High Impedance
When TxHIZ = 1 the transmitter goes to a low-power, high-impedance state
RSVD
Reserved. Set to 0 for proper operation.
2.15
Equalizer Gain (EQGAIN): Address 0x12
EQ[4:0]
The receive equalizer gain settings are broken down into 20 segments and provided at the five
LSBs of this register, EQ4 - EQ0. 00001 corresponds to -2 dB, 10100 corresponds to -40 dB.
The three MSBs are don’t cares.
2.16
RAM Address (RAM): Address 0x13
RAM[7:0]
The RAM address pointer for the arbitrary waveform memory;
a special write procedure must be followed to write the waveform RAM.
2.17
Interrupts
An interrupt will occur (INT pulls low) in response
to a change in the LOS, AIS or NLOOP bits. The in-
terrupt is cleared when the host processor writes a
“1” to the respective bit in the control register.
Writing a “1” to LOS or NLOOP over the serial in-
terface has three effects:
1)
The current interrupt on the serial interface
will be cleared. (Note that simply reading the
register bits will not clear the interrupt).
2)
Output data bits 5, 6 and 7 will be reset as ap-
propriate.
3)
Interrupts for the corresponding LOS and
NLOOP will be prevented from occurring.
Writing a “0” to either LOS or NLOOP enables the
corresponding interrupt for LOS and NLOOP.
Reading the registers returns their current status or
setting. Register 16 outputs the status NLOOP and
LOS and has bits 5, 6, and 7 encoded as shown in
Table 4.
Writing the arbitrary waveform RAM requires a de-
viation from normal serial port access. Register 19
is the RAM address register for the arbitrary wave-
form. Two consecutive address bytes are written;
first the Address/Command Byte is written to ad-
dress 0x13, followed by the address in RAM to be
written. This dual address is then followed by the
data byte for the waveform amplitude. There are
42 RAM byte locations (numbered h00 to h29).
7 (MSB)
6543
21
0 (LSB)
X
X
X
EQ4
EQ3
EQ2
EQ1
EQ0
7 (MSB)
6543
21
0 (LSB)
RAM.7
RAM.6
RAM.5
RAM.4
RAM.3
RAM.2
RAM.1
RAM.0
Table4. Register16 Decoding
Bits
Status
765
0
0
0 Reset has occurred, or no program input
001 RLOOP active
0
1
0 LLOOP active
0
1
1 LOS has changed state since last Clear
LOS occurred
100 TAOS active
1
0
1 NLOOP has changed state since last
Clear NLOOP occurred
1
1
0 TAOS and LLOOP active
1
1
1 LOS and NLOOP have both changed
state since last Clear NLOOP and Clear
LOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com