Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581-IL Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS61581-IL
Description  T1/E1 Universal Line Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581-IL Datasheet(HTML) 4 Page - Cirrus Logic

  CS61581-IL Datasheet HTML 1Page - Cirrus Logic CS61581-IL Datasheet HTML 2Page - Cirrus Logic CS61581-IL Datasheet HTML 3Page - Cirrus Logic CS61581-IL Datasheet HTML 4Page - Cirrus Logic CS61581-IL Datasheet HTML 5Page - Cirrus Logic CS61581-IL Datasheet HTML 6Page - Cirrus Logic CS61581-IL Datasheet HTML 7Page - Cirrus Logic CS61581-IL Datasheet HTML 8Page - Cirrus Logic CS61581-IL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
CS61581
4
DS211PP8
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
WARNING: Operations at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes
Notes: 1 Transient currents of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND
can withstand a continuous current of 100 mA.
RECOMMENDED OPERATING CONDITIONS
Notes: 1. TV+ must not exceed RV+ by more than 0.3 V.
2. Power consumption while driving line load over operating temperature range. Includes IC and load.
Digital input levels are within 10% of the supply rails and digital outputs are driving a 50 pF capacitive
load.
3. Typical consumption corresponds to 50% ones density and medium line length at 5.0 V.
4. Maximum consumption corresponds to 100% ones density and maximum line length at 5.25 V.
DIGITAL CHARACTERISTICS (TA = -40°C to 85°C; TV+, RV+ = 5.0 V ±5%; GND = 0 V)
Notes: 5. This specification guarantees TTL compatibility (VOH = 2.4 V @ IOUT = -40 ∝A).
6. Output drivers are TTL compatible and will drive CMOS logic levels into a CMOS load.
Parameter
Symbol
Min
Max
Units
DC Supply
(referenced to RGND=TGND=0 V)
RV+
TV+
-
-
6.0
(RV+) + 0.3
V
V
Input Voltage, Any Pin
Vin
RGND-0.3
(RV+) + 0.3
V
Input Current, Any Pin
(Note 1)
Iin
-10
10
mA
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Supply
(Note 1) RV+, TV+
4.75
5.0
5.25
V
Ambient Operating Temperature
TA
-40
25
85
°C
Power Consumption, Long Haul
(Notes 2,3,4)
Low Z
Match Z
PC
-
-
390
400
630
575
mW
Power Consumption, Short Haul
(Notes 2,3,4)
Low Z
Match Z
PC
-
-
480
430
725
650
mW
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(Note 5)
PINS 1-4, 24-28
VIH
2.0
-
-
V
Low-Level Input Voltage
(Note 5)
PINS 1-4, 24-28
VIL
--
0.8
V
High-Level Output Voltage
(Notes 5, 6)
IOUT = -40 ∝A
PINS 6-8, 25
VOH
2.4
-
-
V
Low-Level Output Voltage
(Notes 5, 6)
IOUT = 1.6 mA
PINS 6-8, 25
VOL
--
0.4
V
Input Leakage Current
-
-
±10
∝A
CS61581
4
DS211F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com