| Electronic Components Datasheet Search |
|
CS61583 Datasheet(PDF) 18 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61583 Datasheet(HTML) 18 Page - Cirrus Logic |
|
18 / 44 page ![]() instruction register and all test data registers re- tain their previous state. When J-TMS is high and a rising edge is applied to J-TCK, the con- troller moves to the Select-DR state. Select-DR-Scan State This is a temporary controller state. The test data register selected by the current instruction retains its previous state. If J-TMS is held low and a rising edge is applied to J-TCK when in this state, the controller moves into the Capture- DR state and a scan sequence for the selected test data register is initiated. If J-TMS is held high and a rising edge applied to J-TCK, the controller moves to the Select-IR-Scan state. The instruction does not change in this state. Capture-DR State In this state, the Boundary Scan Register cap- tures input pin data if the current instruction is EXTEST or SAMPLE/PRELOAD. The other test data registers, which do not have parallel in- put, are not changed. The instruction does not change in this state. When the TAP controller is in this state and a rising edge is applied to J-TCK, the controller enters the Exit1-DR state if J-TMS is high or the Shift-DR state if J-TMS is low. Shift-DR State In this controller state, the test data register con- nected between J-TDI and J-TDO as a result of the current instruction shifts data on stage to- ward its serial output on each rising edge of J-TCK. The instruction does not change in this state. When the TAP controller is in this state and a rising edge is applied to J-TCK, the controller enters the Exit1-DR state if J-TMS is high or re- mains in the Shift-DR state if J-TMS is low. Exit1-DR State This is a temporary state. While in this state, if J-TMS is held high, a rising edge applied to J- T C K c au s es t h e c o n t rol ler to enter the Update-DR state, which terminates the scanning process. If J-TMS is held low and a rising edge is applied to J-TCK, the controller enters the Pause-DR state. Test-Logic-Reset Run-Test/Idle Select-DR-Scan Capture-DR Shift-DR Exit1-DR Pause-DR Exit2-DR Update-DR Select-IR-Scan Capture-IR Shift-IR Exit1-IR Pause-IR Exit2-IR Update-IR 1 0 0 1 1 0 10 1 1 0 1 0 0 1 0 1 0 0 1 10 1 1 0 1 0 0 1 0 1 0 Figure 12. TAP Controller State Diagram CS61583 18 DS172PP5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |