Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61584A-IL3 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS61584A-IL3
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL3 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS61584A-IL3 Datasheet HTML 27Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 28Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 29Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 30Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 31Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 32Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 33Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 34Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
CS61584A
DS261PP5
31
DS261PP5
9.3
Parallel Port Operation
Parallel port operation in Host mode is selected
when the MODE and P/S pins are set high. In this
mode, the CS61584A register set is accessed using
an 8-bit, multiplexed bi-directional address/data
bus AD[7:0]. Timing over the serial port is inde-
pendent of the transmit and receive system timing.
The device is compatible with both Intel and Mo-
torola bus formats. The Intel bus format is selected
when the BTS pin is low and the Motorola bus for-
mat is selected when the BTS pin is high. A read or
write is initiated by writing an address byte to
AD[7:0]. The device latches the address on the fall-
ing edge of ALE(AS). During a read cycle, the reg-
ister data is output during the later portion of the
RD or DS pulses. The read cycle is terminated and
the bus returns to a high impedance state as RD
transitions high in Intel timing or DS transitions
low in Motorola timing. During a write cycle, valid
write data must be present and held stable during
the later portion of the WR or DS pulses. A second
address byte is required when reading or writing
the Arbitrary Waveform registers (see below).
A read or write over the parallel port is initiated by
writing an address byte to AD[7:0]. The address
byte consists of two nibbles. The four most signifi-
cant bits AD[7:4] select one of 16 CS61584A de-
vices in the application. This device address value
is established by the SAD[7:4] pins. The four least
significant bits AD[3:0] are the register address for
the selected device, ranging from 0x00 to 0x09.
The first eight device registers are addressed from
0x00 to 0x07 in the four least significant bits of the
address. Because Arbitrary Waveform registers
0x08 and 0x09 access multiple bytes of RAM,
reading or writing these registers requires an addi-
tional RAM address byte for each data transfer.
The RAM address is an 8-bit, unsigned binary
number in the range of 0x00 to 0x29 to identify one
of 42 RAM locations. The data byte containing the
7-bit, 2’s complement number specifying the phase
amplitude completes a write cycle. The sequence
for writing to RAM is: first ALE(AS) addresses the
device, a second ALE(AS) addresses the RAM,
then a RD or WR (R/W) accesses the RAM data.
10. JTAG BOUNDARY SCAN
Board testing is supported through JTAG boundary
scan. Using boundary scan, the integrity of the dig-
ital paths between devices on a circuit board can be
verified. This verification is supported by the abil-
ity to externally set the signals on the digital output
pins of the CS61584A, and to externally read the
signals present on the input pins of the CS61584A.
Additionally, the manufacturer ID, part number
and revision of the device can be read during board
test using JTAG boundary scan.
As shown in Figure 23, the JTAG hardware con-
sists of data and instruction registers plus a Test
Access Port (TAP) controller. Control of the TAP
is achieved through signals applied to the Test
Mode Select (J-TMS) and Test Clock (J-TCK) in-
put pins. Data is shifted into the registers via the
Test Data Input (J-TDI) pin, and shifted out of the
registers via the Test Data Output (J-TDO) pin.
Both J-TDI and J-TDO are clocked at a rate deter-
mined by J-TCK. The Instruction register defines
which data register is accessed in the shift opera-
tion. Note that if J-TDI is floating, an internal pull-
up resistor forces the pin high.
MUX
J-TDI
J-TCK
J-TMS
J-TDO
JTAG Block
Boundary Scan Data Register
Digital output pins
Digital input pins
parallel latched
output
TAP
Controller
Instruction (shift) Register
Bypass Data Register
Device ID Data Register
parallel latched
output
Figure 23. JTAG Circuitry Block Diagram
CS61584A
DS261F1
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com