Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61584A-IL5 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS61584A-IL5
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL5 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS61584A-IL5 Datasheet HTML 32Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 33Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 34Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 35Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 36Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 37Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 38Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 39Page - Cirrus Logic CS61584A-IL5 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
CS61584A
36
DS261PP5
DS261PP5
10.16 Exit1-IR State
This is a temporary state. While in this state, if J-
TMS is held high, a rising edge applied to J-TCK
causes the controller to enter the Update-IR state,
which terminates the scanning process. If J-TMS is
held low and a rising edge is applied to J-TCK, the
controller enters the Pause-IR state. The test data
register selected by the current instruction retains
its previous value and the instruction does not
change during this state.
10.17 Pause-IR State
The pause state allows the test controller to tempo-
rarily halt the shifting of data through the instruc-
tion register. The test data register selected by the
current instruction retains its previous value and
the instruction does not change during this state.
The controller remains in this state as long as J-
TMS is low. When J-TMS goes high and a rising
edge is applied to J-TCK, the controller moves to
the Exit2-IR state.
10.18 Exit2-IR State
This is a temporary state. While in this state, if J-
TMS is held high, a rising edge applied to J-TCK
causes the controller to enter the Update-IR state,
which terminates the scanning process. If J-TMS is
held low and a rising edge is applied to J-TCK, the
controller enters the Shift-IR state.
The test data register selected by the current in-
struction retains its previous value and the instruc-
tion does not change during this state.
10.19 Update-IR State
The instruction shifted into the instruction register
is latched into the parallel output from the shift-reg-
ister path on the falling edge of J-TCK. When the
new instruction has been latched, it becomes the
current instruction. The test data registers selected
by the current instruction retain their previous val-
ue.
10.20 JTAG Application Examples
Figures 25 and 26 illustrate examples of updating
the instruction and data registers during JTAG op-
eration.
CS61584A
36
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com