Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1701607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1701607
Description  PCB terminal block - MK4DS 1,5/ 2-5,08 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1701607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1701607 Datasheet HTML 1Page - PHOENIX CONTACT 1701607 Datasheet HTML 2Page - PHOENIX CONTACT 1701607 Datasheet HTML 3Page - PHOENIX CONTACT 1701607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1701607
10/29/2015   Page 1 / 4
PCB terminal block - MK4DS 1,5/ 2-5,08 BK - 1701607
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 15 A, Nom. voltage: 400 V, Pitch: 5.08 mm, Number of positions: 2,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
black
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
18.4 g
Custom tariff number
85369010
Country of origin
Poland
Technical data
Dimensions
Length
42.9 mm
Pitch
5.08 mm
Dimension a
5.08 mm
Constructional height
48 mm
Pin dimensions
0,9 x 0,9 mm
Hole diameter
1.3 mm
General
Range of articles
MK4DS 1,5
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
15 A
Nominal cross section
1.5 mm²
Maximum load current
17.5 A
Insulating material
PA
Solder pin surface
Sn


Similar Part No. - 1701607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701608 PHOENIX-1701608 Datasheet
62Kb / 3P
Plug - SMSTB 2,5/ 3-ST-5,08 1RNPABDWH
More results

Similar Description - 1701607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706950 PHOENIX-1706950 Datasheet
93Kb / 6P
PCB terminal block - MK4DS 1,5/ 3-5,08-BCD
1707001 PHOENIX-1707001 Datasheet
87Kb / 5P
PCB terminal block - MK4DS 1,5/ 2-5,08-A GNYE
1712694 PHOENIX-1712694 Datasheet
53Kb / 4P
PCB terminal block - MK4DS 1,5/ 2-5,08-BCD BG
1718760 PHOENIX-1718760 Datasheet
55Kb / 4P
PCB terminal block - MKDS 1,5/ 2-5,08 BK
1733868 PHOENIX-1733868 Datasheet
64Kb / 5P
PCB terminal block - SMKDSN 1,5/ 2-5,08 BK
1747546 PHOENIX-1747546 Datasheet
51Kb / 4P
PCB terminal block - MK4DS 1,5/ 3-5,08 BK
1869664 PHOENIX-1869664 Datasheet
72Kb / 5P
PCB terminal block - MKDSN 1,5/ 2-5,08 BK
1881972 PHOENIX-1881972 Datasheet
59Kb / 5P
PCB terminal block - SMKDSNF 1,5/ 2-5,08 BK
1989340 PHOENIX-1989340 Datasheet
53Kb / 4P
PCB terminal block - MK4DS 1,5/ 2-5,08-BCD ABGY
1868830 PHOENIX-1868830 Datasheet
125Kb / 7P
PCB terminal block - MK4DS 1,5/ 3-5,08
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com