Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM32 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32
Description  Dual Thermal Diode Temperature Sensor with SensorPath Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM32 Datasheet HTML 8Page - National Semiconductor (TI) LM32 Datasheet HTML 9Page - National Semiconductor (TI) LM32 Datasheet HTML 10Page - National Semiconductor (TI) LM32 Datasheet HTML 11Page - National Semiconductor (TI) LM32 Datasheet HTML 12Page - National Semiconductor (TI) LM32 Datasheet HTML 13Page - National Semiconductor (TI) LM32 Datasheet HTML 14Page - National Semiconductor (TI) LM32 Datasheet HTML 15Page - National Semiconductor (TI) LM32 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1.0 Functional Description (Continued)
•
Data Bits This is the data written to the LM32 register,
are driven by the master. Data is transferred serially with
the most significant bit first. The number of data bits may
vary from one address to another, based on the size of
the register in the LM32. This allows throughput optimi-
zation based on the information that needs to be written.
The LM32 supports 8-bit or 16-bit data fields, as de-
scribed in Section 2.0 "Register Set".
•
Even Parity (EP) This data bit is based on all preceding
bits (Device Number, Internal Address, Read/Write and
Data bits) and the Even Parity bit itself. The parity (num-
ber of 1’s) of all the preceding bits and the parity bit must
be even - i.e. the result must be 0. During a write trans-
action, the EP bit is sent by the master to the LM32 to
allow the LM32 to check the received data before using it.
•
Acknowledge (ACK) During the write transaction the
ACK bit is sent by the LM32 indicating to the master that
the EP was received and was found correct, and that no
conflict was detected on the bus (excluding Attention
Request - see Section 1.3.5 "Attention Request Transac-
tion"). A write transfer is considered "completed" only
when the ACK bit is generated. A transaction that was not
positively acknowledged is not considered complete by
the LM32 (i.e. internal operation related to the transaction
are not performed) and the following are performed:
— The BER bit in the LM32 Device Status register is set;
— The LM32 generates an Attention Request before, or
together with the Start Bit of the next transaction
A transaction that was not positively acknowledged is
also not considered "complete" by the master (i.e. inter-
nal operations related to the transaction are not per-
formed). The transaction may be repeated by the master,
after detecting the source of the Attention Request (the
LM32 that has a set BER bit in the Device Status regis-
ter). Note that the SensorPath protocol neither forces, nor
automates re-execution of the transaction by the master.
The values of the ACK bit are:
— 1: Data was received correctly;
— 0: An error was detected (no-acknowledge).
1.3.4 Read and Write Transaction Exceptions
This section describes master and LM32 handling of special
bus conditions, encountered during either Read or Write
transactions.
If an LM32 receives a Start Bit in the middle of a transaction,
it aborts the current transaction (the LM32 does not "com-
plete" the current transaction) and begins a new transaction.
Although not recommend for SensorPath normal operation,
this situation is legitimate, therefore it is not flagged as an
error by the LM32 and Attention Request is not generated in
response to it. The master generating the Start Bit, is re-
sponsible for handling the not "complete" transaction at a
"higher level".
If LM32 receives more than the expected number of data bits
(defined by the size of the accessed register), it ignores the
unnecessary bits. In this case, if both master and LM32
identify correct EP and ACK bits they "complete" the trans-
action. However, in most cases, the additional data bits differ
from the correct EP and ACK bits. In this case, both the
master and the LM32 do not "complete" the transaction. In
addition, the LM32 performs the following:
•
the BER bit in the LM32 Device Status register is set
•
the LM32 generates an Attention Request
If the LM32 receives less than the expected number of data
bits (defined by the size of the accessed register), it waits
indefinitely for the missing bits to be sent by the master. If
then the master sends the missing bits, together with the
correct EP/ACK bits, both master and LM32 "complete" the
transaction. However, if the master starts a new transaction
generating a Start Bit, the LM32 aborts the current transac-
tion (the LM32 does not "complete" the current transaction)
and begins the new transaction. The master is not notified by
the LM32 of the incomplete transaction.
1.3.5 Attention Request Transaction
Attention Request is generated by the LM32 when it needs
the attention of the master. The master and all LM32s must
monitor the Attention Request to allow bit re-sending in case
of simultaneous start with a Data Bit or Start Bit transfer.
Refer to the "Attention Request" section, Section 1.2.4 in the
"Bit Signaling" portion of the data sheet.
The LM32 will generate an Attention Request using the
following rules:
1.
A Function event that sets the Status Flag has occurred
and Attention Request is enabled and
2.
The "physical" condition for an Attention Request is met
(i.e., the bus is inactive), and
3.
At the first time 2 is met after 1 occurred, there has not
been an Attention request on the bus since a read of the
Device Status register, or since a Bus Reset.
OR
1.
A bus error event occurred, and
2.
the "physical" condition for an Attention Request is met
(i.e., the bus is inactive), and
3.
At the first time 2. is met after 1 occurred, there has not
been a Bus Reset.
20071110
FIGURE 6. Write Transaction, master write data to LM32
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com