Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2201 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX2201
Description  USB Li-Ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2201 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX2201 Datasheet HTML 1Page - Microsemi Corporation LX2201 Datasheet HTML 2Page - Microsemi Corporation LX2201 Datasheet HTML 3Page - Microsemi Corporation LX2201 Datasheet HTML 4Page - Microsemi Corporation LX2201 Datasheet HTML 5Page - Microsemi Corporation LX2201 Datasheet HTML 6Page - Microsemi Corporation LX2201 Datasheet HTML 7Page - Microsemi Corporation LX2201 Datasheet HTML 8Page - Microsemi Corporation LX2201 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LX2201
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.2b, 2005-04-13
USB Li-Ion Battery Charger
TM
®
APPLI CATI ON CI RCUITS
START
V DD > VBAT
YES
DISCHARG E
MO D E
NO
VBAT>60%
C O N D ITIO N
CHARG E
MO D E
NO
YE S
CO NSTA NT C URRENT
CH AR G E M O D E
TEM P <
140
REDUCE
CHARG E
CU RRENT
IIN < IUSB
YE S
REDUCE
CH AR G E
C URRENT
YE S
NO
NO
VBAT> V CV
CO NSTA NT VO LTAG E
CH AR G E M O D E
YE S
NO
IBAT<IMIN
VO LTAG E
M O NITO RIN G
MO D E (ST AT E ).
VBAT<97%
YE S
NO
TEM P <
140
REDUCE
CHARG E
C URRENT
IIN < IUSB
YE S
REDUCE
CH AR G E
C URRENT
YE S
NO
NO
YE S
NO
R E TU R N TO STAR T IF
VIN > VB AT O R VIDX C H A N G E STATE.
R E TU R N TO TH E T O P
O F TH E C H AR T.
LX 2201 C O N TR O L F LO W D IA G R A M
VID 0 = 1
YES
SW IT CH
OFF
NO
IUSB D E TER M IN ED BY TH E
S TATE O F VID 1.
VID 0 = 1
YE S
NO
VID0 = 1
YES
NO
Figure 2 – Control Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com