Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC1105 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSC1105
Description  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105 Datasheet(HTML) 3 Page - Microchip Technology

  DSC1105 Datasheet HTML 1Page - Microchip Technology DSC1105 Datasheet HTML 2Page - Microchip Technology DSC1105 Datasheet HTML 3Page - Microchip Technology DSC1105 Datasheet HTML 4Page - Microchip Technology DSC1105 Datasheet HTML 5Page - Microchip Technology DSC1105 Datasheet HTML 6Page - Microchip Technology DSC1105 Datasheet HTML 7Page - Microchip Technology DSC1105 Datasheet HTML 8Page - Microchip Technology DSC1105 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005869A-page 3
DSC1105/25
Frequency
f0
2.3
—
100
MHz
CL = 15 pF, –20°C to +70°C
and –40°C to +85°C
3.3
—
100
CL = 15 pF, –40°C to +105°C
and –55°C to +125°C
Output Duty Cycle
SYM
45
—
55
%
—
Period Jitter
JPER
—4
—
psRMS FOUT = 100 MHz
Integrated Phase Noise
JPH
—0.3
—
psRMS
200 kHz to 20 MHz @ 100 MHz
—
0.38
—
100 kHz to 20 MHz @ 100 MHz
—
1.7
2
12 kHz to 20 MHz @ 100 MHz
Note 1: Pin 6 VDD should be filtered with 0.1 µF capacitor.
2: tSU is time to 100 ppm of output frequency after VDD is applied and outputs are enabled.
3: Output Waveform and Test Circuit figures define the parameters.
4: Output is enabled if pad is floated or not connected.
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com