Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804293 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 0804293
Description  PCB terminal block, Screw connection with tension sleeve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 0804293 Datasheet HTML 5Page - PHOENIX CONTACT 0804293 Datasheet HTML 6Page - PHOENIX CONTACT 0804293 Datasheet HTML 7Page - PHOENIX CONTACT 0804293 Datasheet HTML 8Page - PHOENIX CONTACT 0804293 Datasheet HTML 9Page - PHOENIX CONTACT 0804293 Datasheet HTML 10Page - PHOENIX CONTACT 0804293 Datasheet HTML 11Page - PHOENIX CONTACT 0804293 Datasheet HTML 12Page - PHOENIX CONTACT 0804293 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
REF 1715721
PHOENIX CONTACT 13 / 13
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
1710726 MKDS 1,5/ 6-5,08
2017-09-27
Product version 02
Document revision 0
14
Commercial Data
Order No.
1710726
Type
MKDS 1,5/ 6-5,08
Pieces per package
50
Net weight
8.047 g
GTIN
4017918229115
Information that applies locally, see link on page 1
Country of origin
Information that applies locally, see link on page 1
Description
Order No.
Type
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a
bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip, with non-
slip grip
1205053
SZS 0,6X3,5
0804293
SK 5,08/3,8:FORTL.ZAHLEN
Pitch spacer, for adjusting the pitches between MKDS and GMKDS termi-
nal blocks in mixed rows, 1.25 mm thick
1702048
RZ 1,25-MKDS 1,5
Insertion bridge, fully insulated, for connectors with 5.0 or 5.08 mm pitch,
no. of positions: 2
1733169
EBP 2- 5
Insertion bridge, fully insulated, for connectors with 5.0 or 5.08 mm pitch,
no. of positions: 3
1733172
EBP 3- 5
Insertion bridge, fully insulated, for connectors with 5.0 or 5.08 mm pitch,
no. of positions: 4
1733185
EBP 4- 5
Insertion bridge, fully insulated, for connectors with 5.0 or 5.08 mm pitch,
no. of positions: 5
1733198
EBP 5- 5
Insertion bridge, fully insulated, for connectors with 5.0 or 5.08 mm pitch,
no. of positions: 6
1733208
EBP 6- 5
15
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com