Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS1C1S250 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS1C1S250
Description  N-CHANNEL 250V - 0.9Ohm - 0.75A SO-8 P-CHANNEL 250V - 2.1Ohm - 0.6A SO-8 MESH OVERLAY POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1C1S250 Datasheet(HTML) 1 Page - STMicroelectronics

  STS1C1S250 Datasheet HTML 1Page - STMicroelectronics STS1C1S250 Datasheet HTML 2Page - STMicroelectronics STS1C1S250 Datasheet HTML 3Page - STMicroelectronics STS1C1S250 Datasheet HTML 4Page - STMicroelectronics STS1C1S250 Datasheet HTML 5Page - STMicroelectronics STS1C1S250 Datasheet HTML 6Page - STMicroelectronics STS1C1S250 Datasheet HTML 7Page - STMicroelectronics STS1C1S250 Datasheet HTML 8Page - STMicroelectronics STS1C1S250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-CHANNEL 250V - 0.9
Ω -0.75A SO-8
P-CHANNEL 250V - 2.1
Ω -0.6A SO-8
MESH OVERLAY POWER MOSFET
1/10
October 2003
STS1C1S250
s
TYPICAL RDS(on) (N-Channel) = 0.9 Ω
s
TYPICAL RDS(on) (P-Channel) = 2.1 Ω
s
GATE-SOURCE ZENER DIODE
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
DESCRIPTION
This complementary pair uses the Company's pro-
prietary high voltage MESH OVERLAY™ process
based on advanced strip layout and efficient edge
termination. Designed for high volume manufactur-
ing capability, it is ideal in lighting converters such as
CFL supplied from 120V mains.
APPLICATIONS
s
LIGHTING
ABSOLUTE MAXIMUM RATINGS
(1)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS1C1S250(N-Channel)
STS1C1S250(P-Channel)
250 V
250 V
<1.4
Ω
<2.8
Ω
0.80 A
0.60 A
Symbol
Parameter
Value
Unit
N-CHANNEL
P-CHANNEL
VDS
Drain-source Voltage (VGS =0)
250
250
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
250
250
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuous) at TC = 25°C
0.75
0.60
A
ID
Drain Current (continuous) at TC = 100°C
0.47
0.38
A
IDM (1)
Drain Current (pulsed)
3
2.4
A
PTOT
Total Dissipation at TC = 25°C Single Operation
Total Dissipation at TC = 25°C Dual Operation
1.6
2
W
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
SO-8
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS1C1S250

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STS100 SSOUSA-STS100 Datasheet
130Kb / 4P
Multifunction Telecommunications Switch
logo
Solid State Inc
STS100 SOLIDSTATE-STS100 Datasheet
596Kb / 7P
Telecom switching
logo
JILIN SINO-MICROELECTRO...
STS10100S JSMC-STS10100S Datasheet
409Kb / 6P
TRENCH SCHOTTKY BARRIER DIODE
201807B
STS10100S-RM-A JSMC-STS10100S-RM-A Datasheet
409Kb / 6P
TRENCH SCHOTTKY BARRIER DIODE
201807B
STS10100S-RM-A JSMC-STS10100S-RM-A Datasheet
1Mb / 9P
TRENCH SCHOTTKY BARRIER DIODE
202211D
More results

Similar Description - STS1C1S250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY™ MOSFET
Feb-2003
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY™ MOSFET
Jul-2001
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY™ MOSFET
Jul-2001
STP6NS25 STMICROELECTRONICS-STP6NS25 Datasheet
266Kb / 8P
N-CHANNEL 250V - 0.9ohm - 6A TO-220 MESH OVERLAY™MOSFET
November 2002
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
Feb-2003
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
Feb-2001
logo
ON Semiconductor
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
MMSF5N02HD ONSEMI-MMSF5N02HD Datasheet
269Kb / 10P
N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com