Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC1105AI5-T Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC1105AI5-T
Description  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105AI5-T Datasheet(HTML) 1 Page - Microchip Technology

  DSC1105AI5-T Datasheet HTML 1Page - Microchip Technology DSC1105AI5-T Datasheet HTML 2Page - Microchip Technology DSC1105AI5-T Datasheet HTML 3Page - Microchip Technology DSC1105AI5-T Datasheet HTML 4Page - Microchip Technology DSC1105AI5-T Datasheet HTML 5Page - Microchip Technology DSC1105AI5-T Datasheet HTML 6Page - Microchip Technology DSC1105AI5-T Datasheet HTML 7Page - Microchip Technology DSC1105AI5-T Datasheet HTML 8Page - Microchip Technology DSC1105AI5-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005869A-page 1
DSC1105/25
Features
• Low Drive Strength for EMI Reduction
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±10 ppm, ±20 ppm, ±25 ppm,
±50 ppm
• Wide Temperature Range:
- Automotive: –55°C to +125°C
- Ext. Industrial: –40°C to +105°C
- Industrial: –40°C to +85°C
- Commercial: –20°C to +70°C
• High Supply Noise Rejection: –50 dBc
• Wide Freq. Range: 2.3 MHz to 100 MHz
• Small Industry Standard Footprints
- 2.5 mm x 2.0 mm, 3.2 mm x 2.5 mm, 5.0 mm
x 3.2 mm, and 7.0 mm x 5.0 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF than Quartz Oscillators
• Low Current Consumption
• Supply Range of 2.25 to 3.6V
• Standby and Output Enable Function
• Lead-Free and RoHS Compliant
Applications
• Storage Area Networks
- SATA, SAS, Fibre Channel
• Passive Optical Networks
- EPON, 10G-EPON,V GPON, 10G-PON
• Ethernet
- 1G, 10GBASE-T/KR/LR/SR, and FCoE
• HD/SD/SDI Video and Surveillance
• PCI Express
• Display Port
General Description
The
DSC1105
and
DSC1125
series
of
high
performance oscillators utilize a proven silicon MEMS
technology to provide excellent jitter and stability over
a wide range of supply voltages and temperatures. By
eliminating the need for quartz or SAW technology,
MEMS oscillators significantly enhance reliability and
accelerate product development, while meeting
stringent clock performance criteria for a variety of
communications, storage, and networking applications.
DSC1105 has a standby feature that allows it to
completely power-down when EN pin is pulled low;
whereas for DSC1125, only the outputs are disabled
when EN is low. Both oscillators are available in
industry standard packages, including the small
2.5 mm x 2.0 mm, and are “drop-in” replacements for
standard 4-pin CMOS quartz crystal oscillators. The
DSC1105/25
is
functionally
equivalent
to
the
DSC1101/21, but it has lower drive strength for EMI
reduction.
Functional Block Diagram
Low EMI, Low-Jitter Precision CMOS Oscillator


Similar Part No. - DSC1105AI5-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC1101AE1 MICREL-DSC1101AE1 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1101AE1-T MICROCHIP-DSC1101AE1-T Datasheet
408Kb / 30P
Low-Jitter Precision CMOS Oscillator
2017
logo
Micrel Semiconductor
DSC1101AE2 MICREL-DSC1101AE2 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
More results

Similar Description - DSC1105AI5-T

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
Low Jitter Precision LVPECL Oscillator
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
Low Jitter Precision LVDS Oscillator
logo
Golledge Electronics Lt...
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
CMOS Oscillator Low Jitter
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
Low-Jitter Precision CMOS Oscillator
2017
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
Programmable Low-Jitter Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com