Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN13-500 Datasheet(PDF) 4 Page - Kemet Corporation

Part # SN13-500
Description  Differential Mode SN Coils, Standard Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SN13-500 Datasheet(HTML) 4 Page - Kemet Corporation

  SN13-500 Datasheet HTML 1Page - Kemet Corporation SN13-500 Datasheet HTML 2Page - Kemet Corporation SN13-500 Datasheet HTML 3Page - Kemet Corporation SN13-500 Datasheet HTML 4Page - Kemet Corporation SN13-500 Datasheet HTML 5Page - Kemet Corporation SN13-500 Datasheet HTML 6Page - Kemet Corporation SN13-500 Datasheet HTML 7Page - Kemet Corporation SN13-500 Datasheet HTML 8Page - Kemet Corporation SN13-500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0057_SN • 6/14/2019
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – Differential Mode SN Coils, Standard Series
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
Performance Characteristics
Item
Performance Characteristics
Rated Current Range
1 – 20 A
Rated Inductance Range
2.5 – 550 µH minimum
Inductance Measurement Condition
100 kHz
Wire Type
1 PVF, 1 UEW, and 1 PEW
Thermal Class
A(105°C)
Operating Temperature Range
−25°Cto+105°C(includeselftemperaturerise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com