Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPR-W25 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPR-W25
Description  0.25W 3KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPR-W25 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPR-W25 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPR-W25 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPR-W25 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPR-W25 Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 2 of 3
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso=1000VDC
1
GΩ
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-50
130
℃
Case Temperature above ambient
5V output types
35
℃
Case Temperature above ambient
All other output types
30
℃
Cooling
Free air convection
TOLERANCE ENVELOPES
TEMPERATURE DERATING GRAPHS
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022 CLASS B(see Fig. 2 for recommended circuit)
EMI
RE
CISPR22/EN55022 CLASS B(see Fig. 2 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2 Contact ±8KV perf. Criteria B
DESIGN REFERENCE
Typical application circuit
If it is required to further reduce input and output ripple, a filter capacitor may be connected to the input and output terminals, see Fig.1Moreover, choosing a suitable
filter capacitor is very important, start-up problems may be caused if the capacitance is too large. Under thecondition of safe and reliable operation, the
recommended capacitive load values are shown in Table 1.
Fig 1
EMC solution-recommended circuit
Fig 2
Output load should be at min. load 10%。
+5%
Typical Lo
ad Line
10 25
50
75
100
-7.5%
+2.5%
-2.5%
NOM
V
+9%
Output Load Current(%)
0.375
0.250
0.125
0
-40
050 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
Recommended capacitive load value table (Table 1)
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com