Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2409 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPS2409
Description  2W 6KVDC Isolated Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPS2409 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPS2409 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPS2409 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPS2409 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPS Series
www.gztoppower.com
TEL:00
86-20-62162688
EMAIL:sales2@gztoppower.com
page 2 of 3
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
890mW
Input voltage Vin, TPS05
7V
Input voltage Vin, TPS12
15V
Input voltage Vin, TPS15
18V
Input voltage Vin, TPS24
28V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
6000
VDC
Resistance
Viso= 1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All input types
40
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
℃
Storage
-50
130
℃
Case Temperature above ambient
All output types
35
℃
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS
24 PIN DIP
Pin
Dual output
Single output
1
+Vin
+Vin
2
-Vin
-Vin
8
-Vout
NC
9
NC
NC
10
OV
OV
11
NC
NC
12
+Vout
+Vout
13
+Vout
+Vout
14
NC
NC
15
OV
OV
16
NC
NC
17
-Vout
NC
23
NC
NC
24
NC
NC
Typical Load Line
10 25
50
75
100
-7%
+2.5%
-2.5%
NOM
V
+5%
+9.5%
Output Load Current(%)
32.60(MAX)
9.40±0.30
0.60(MAX)
2.16
15.24
0.55
0.45
3.90
16.95(MAX)
TPS1205
YYWW
14.72
2.54
0.30
0.20
TOPPOWER
12
10
13
14
16
17
23
24
1
2
8
9
15
11
Top view
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
DIP Package
3.0
2.0
1.0
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com