Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805072 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0805072
Description  MKKDSH 3/ 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0805072 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0805072 Datasheet HTML 1Page - PHOENIX CONTACT 0805072 Datasheet HTML 2Page - PHOENIX CONTACT 0805072 Datasheet HTML 3Page - PHOENIX CONTACT 0805072 Datasheet HTML 4Page - PHOENIX CONTACT 0805072 Datasheet HTML 5Page - PHOENIX CONTACT 0805072 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 24, 2010
Extract from the online
catalog
 
MKKDSH 3/ 3
Order No.: 1721346
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1721346
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 3, Type of connection: Screw connection,
Assembly: Soldering, Conductor/PCB connection direction: 0 °, Color:
green, The article can be aligned to create different nos. of positions!
 
Commercial data
EAN
4017918025090
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.00805 KG
Catalog page information
Page 77 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
10 mm
Number of positions
3


Similar Part No. - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805072 PHOENIX-0805072 Datasheet
52Kb / 2P
Marker cards - SK 5/3.8: SO (CUSTOM PRNTNG)
0805072 PHOENIX-0805072 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0805072 PHOENIX-0805072 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0805072 PHOENIX-0805072 Datasheet
161Kb / 7P
MKDS 3/ 2
0805072 PHOENIX-0805072 Datasheet
138Kb / 6P
MKDS 3/ 3
More results

Similar Description - 0805072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700218 PHOENIX-1700218 Datasheet
46Kb / 3P
PCB terminal block - MKKDSH 3/ 5 BK
1703283 PHOENIX-1703283 Datasheet
94Kb / 6P
PCB terminal block base - MKKDSH 3/ 8
1706374 PHOENIX-1706374 Datasheet
46Kb / 2P
PCB terminal block - MKKDSH 3/ 4 O.Z.
1712038 PHOENIX-1712038 Datasheet
136Kb / 5P
MKDSF 3/ 3
1721045 PHOENIX-1721045 Datasheet
148Kb / 6P
MKKDSH 3/ 2
1721485 PHOENIX-1721485 Datasheet
68Kb / 5P
PCB terminal block - MKKDSH 3/ 2 BU
1869800 PHOENIX-1869800 Datasheet
56Kb / 3P
PCB connection terminal block - MKKDSH 3/ 3-EX
1890028 PHOENIX-1890028 Datasheet
116Kb / 4P
MKKDSH 3/ 2 BK
1890031 PHOENIX-1890031 Datasheet
68Kb / 5P
PCB terminal block - MKKDSH 3/ 3 BK
5600916 PHOENIX-5600916 Datasheet
82Kb / 2P
MKKDSH 3/5 BK W/ GLUE VPE100
11/05/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com