Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSMD140RZ Datasheet(PDF) 2 Page - Fuzetec Technology Co., Ltd.

Part # FSMD140RZ
Description  Surface Mountable PTC Resettable Fuse: Low Rho FSMD1812 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FSMD140RZ Datasheet(HTML) 2 Page - Fuzetec Technology Co., Ltd.

  FSMD140RZ Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FSMD140RZ Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FSMD140RZ Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FSMD140RZ Datasheet HTML 4Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ04-44E
Product Specification and Approval Sheet Version A2
Page
2/4
NOTE : Specification subject to change without notice.
2016/10/19
4. FSMD Product Dimensions (Millimeters)
Part
Number
A
B
C
D
E
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FSMD140RZ
4.37
4.73
3.07
3.41
0.30
0.70
0.25
0.95
0.25
0.65
FSMD190RZ
4.37
4.73
3.07
3.41
0.30
0.70
0.25
0.95
0.25
0.65
FSMD270RZ
4.37
4.73
3.07
3.41
0.30
0.70
0.25
0.95
0.25
0.65
FSMD300RZ
4.37
4.73
3.07
3.41
0.30
0.70
0.25
0.95
0.25
0.65
FSMD370RZ
4.37
4.73
3.07
3.41
0.30
0.70
0.25
0.95
0.25
0.65
FSMD500RZ
4.37
4.73
3.07
3.41
0.30
0.70
0.25
0.95
0.25
0.65
FSMD600RZ
4.37
4.73
3.07
3.41
0.30
1.00
0.25
0.95
0.25
0.65
5. Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
Low Rho FSMD1812 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com