Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB250F Datasheet(PDF) 3 Page - Fuzetec Technology Co., Ltd.

Part # FUSB250F
Description  Radial Leaded PTC Resettable Fuse: FUSB Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUZETEC [Fuzetec Technology Co., Ltd.]
Direct Link  http://www.fuzetec.com/
Logo FUZETEC - Fuzetec Technology Co., Ltd.

FUSB250F Datasheet(HTML) 3 Page - Fuzetec Technology Co., Ltd.

  FUSB250F Datasheet HTML 1Page - Fuzetec Technology Co., Ltd. FUSB250F Datasheet HTML 2Page - Fuzetec Technology Co., Ltd. FUSB250F Datasheet HTML 3Page - Fuzetec Technology Co., Ltd. FUSB250F Datasheet HTML 4Page - Fuzetec Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FUZETEC TECHNOLOGY CO., LTD.
NO.
PQ05-101E
Product Specification and Approval Sheet Version
7
Page
3/4
NOTE : Specification subject to change without notice.
2014/9/1
6. Typical Time-To-Trip at 23℃
0.001
0.01
0.1
1
10
100
1
10
100
Fault current (A)
A
B
C
0.001
0.01
0.1
1
10
100
1
10
100
Fault current (A)
D E
F G H
I
7. Material Specification
Lead material: Tin plated copper, 24 AWG
Soldering characteristics: MIL-STD-202, Method 208E
Insulating coating:Flame retardant epoxy ,meet UL-94V-0 requirement
A = FUSB075F
B = FUSB120F
C = FUSB155F
D = FUSB090F
E = FUSB110F
F = FUSB135F
G = FUSB160F
H = FUSB185F
I = FUSB250F
FUSB Series
FUSB Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com