Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMB2F Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # RMB2F
Description  GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

RMB2F Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  RMB2F Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd RMB2F Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
The curve above is for reference only.
https://www.microdiode.com
Voltage Range - 200 to 1000 Volts Current - 0.5/0.8 Ampere
RMB2F THRU RMB10F
FIG.2 PEAK FORWARD SURGE CURRENT
Number Of Cycles At 60Hz
FIG.4 TYPICAL REVERSE CHARACTERISTICS
Percent Of Rated Peak Reverse Voltage, %
FIG.3 TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage, ( V )
35
30
25
20
15
10
5
0
10
100
1
0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
1
0.1
0.01
TJ=25
Pulse Width=300us
2% Duty Cycle
0
20
40
60
80
100
100
10
1
0.1
0.01
TJ=125
TJ=25
FIG.1 FORWARD DERATING CURVE
Ambient Temperature, (°C )
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140
160
Glass Epoxy
P.C.B.
Aluminum Substrate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com